Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8201112 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8201112
Description  Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8201112 Datasheet(HTML) 2 Page - Festo Corporation.

  8201112 Datasheet HTML 1Page - Festo Corporation. 8201112 Datasheet HTML 2Page - Festo Corporation. 8201112 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Digital outputs, potential separation
Yes, optocoupler
Digital outputs, switching frequency
max. 1 kHz
Digital outputs, short circuit current rating
yes
Digital outputs, status indication
LED
Serial interface, number
3
Serial interface, type
2 x RS 232 / 1 x RS 485-A/422-A
Serial interface, connection technology
Plug
Serial interface, transmission rate
Adjustable via software
300 ... 375000 bit/s
Protocol
CAN
CANopen
IO-Link®, protocol version
Device V 1.0
Master V 1.1
IO-Link®, communication mode
Device COM1 (4.8 kBd), COM2 (38.4 kBd), COM3 (230.4 kBd)
Master SIO, COM1 (4.8 kBd), COM2 (38.4 kBd), COM3 (230.4 kBd)
Configurable via software
IO-Link®, port class
Device A
Master B
IO-Link®, number of ports
Device 1
Master 1
IO-Link®, process data width OUT
Master parameterizable 2 - 32 bytes
IO-Link®, process data width IN
Master parameterizable 2 - 32 bytes
IO-Link®, minimum cycle time
Device 3.2 ms
Master 5 ms
IO-Link®, data memory available
2 kByte/port
IO-Link®, output current
3.5 A/port
IO-Link®, Connection technology
Cage Clamp®
Plug
Master 5-pin
Device, 3-pin
IO-Link®, communication
C/Q LED green
C/Q LED red
IO-Link®, ready status indication
L+ green LED on
L+ green LED off
Fieldbus interface, type
CAN bus
Fieldbus interface, connection technology
Plug
Sub-D
9-pin
Fieldbus interface, transmission rate
125, 250, 500, 800, 1000 kbit/s
Adjustable via software
Fieldbus interface, galvanic isolation
yes
USB interface
USB 1.1
Ethernet, connector plug
RJ45
Ethernet, number
1
Ethernet, data transmission speed
10/100 Mbit/s
Ethernet, supported protocols
OPC UA
TCP/IP, EasyIP, Modbus® TCP
Encoder inputs, number
1
Encoder inputs, resolution
32 bit
Encoder inputs, signal range
5 V differential (RS422)
Encoder inputs, max. input frequency
1000 kHz
Encoder inputs, generator supply voltage
5 V DC (100 mA)
Programming software
CODESYS V3
Programming language
as per IEC 61131-3
KOP
AWL
ST
FUP
AS
3/17/26 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com