Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDF6901 Datasheet(PDF) 1 Page - Potens Semiconductor Corp.

Part # PDF6901
Description  60V P-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDF6901 Datasheet(HTML) 1 Page - Potens Semiconductor Corp.

  PDF6901 Datasheet HTML 1Page - Potens Semiconductor Corp. PDF6901 Datasheet HTML 2Page - Potens Semiconductor Corp. PDF6901 Datasheet HTML 3Page - Potens Semiconductor Corp. PDF6901 Datasheet HTML 4Page - Potens Semiconductor Corp. PDF6901 Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Potens semiconductor corp.
Ver.1.00
1
PDF6901
60V P-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous (TC=25℃)
-50
A
Drain Current
– Continuous (TC=100℃)
-31.6
A
IDM
Drain Current
– Pulsed1
-200
A
EAS
Single Pulse Avalanche Energy2
320
mJ
IAS
Single Pulse Avalanche Current2
80
A
PD
Power Dissipation (TC=25℃)
52
W
Power Dissipation
– Derate above 25℃
0.42
W/℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJC
Thermal Resistance Junction to Case
---
2.4
℃/W
RθJA
Thermal Resistance Junction to Ambient
---
62
℃/W
BVDSS
RDSON
ID
-60V
10.2m
-50A
These P-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 -60V,-50A, RDS(ON) 10.2mΩ@VGS = -10V
 Fast switching
 Green Device Available
 Suit for -4.5V Gate Drive Applications
General Description
Features
Applications
Absolute Maximum Ratings Tc=25℃ unless otherwise noted
Thermal Characteristics
TO220F Pin Configuration
S
D
G
 POL Applications
 Load Switch
 LED Application
D
G
S


Similar Part No. - PDF6901

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDF6904 POTENS-PDF6904 Datasheet
744Kb / 5P
60V N-Channel MOSFETs
Ver.1.02
PDF6905 POTENS-PDF6905 Datasheet
904Kb / 5P
60V P-Channel MOSFETs
Ver.1.01
PDF6906 POTENS-PDF6906 Datasheet
678Kb / 5P
60V N-Channel MOSFETs
Ver.1.02
PDF6907 POTENS-PDF6907 Datasheet
894Kb / 5P
60V P-Channel MOSFETs
Ver.1.01
PDF6908 POTENS-PDF6908 Datasheet
459Kb / 5P
60V N-Channel MOSFETs
Ver.1.03
More results

Similar Description - PDF6901

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS69P05 BWTECH-MS69P05 Datasheet
644Kb / 6P
60V P-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2P7002S FS-FTK2P7002S Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6903 FS-FTK6903 Datasheet
783Kb / 5P
60V P-Channel MOSFETs
FTK6903D FS-FTK6903D Datasheet
808Kb / 5P
60V P-Channel MOSFETs
FTK6905P FS-FTK6905P Datasheet
973Kb / 5P
60V P-Channel MOSFETs
FTK6907 FS-FTK6907 Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6907Z FS-FTK6907Z Datasheet
997Kb / 5P
60V P-Channel MOSFETs
FTK6911 FS-FTK6911 Datasheet
923Kb / 5P
60V P-Channel MOSFETs
FTK6965AP FS-FTK6965AP Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6901D FS-FTK6901D Datasheet
1,004Kb / 5P
60V P-Channel MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com