Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPACTLINK Datasheet(PDF) 2 Page - ABI Electronics Limited

Part # COMPACTLINK
Description  Functional IC Test Generating Software for Compact Professional Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABI [ABI Electronics Limited]
Direct Link  https://www.abielectronics.co.uk/
Logo ABI - ABI Electronics Limited

COMPACTLINK Datasheet(HTML) 2 Page - ABI Electronics Limited

  COMPACTLINK Datasheet HTML 1Page - ABI Electronics Limited COMPACTLINK Datasheet HTML 2Page - ABI Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DO WHILE DATA <= 3
DISPLAY "Testing gate 1", NEWLINE
DISPLAY "Result = ",RESULT()
DRIVE [ 1A,1B ] WITH DATA
IF RESPONSE([1A]) = 0
END IF
IF LINKED( 1A,1B)
END IF
IF LINKED( [ 1A, 1B ] )
END IF
IF LEVEL( [ 1A, 1B ] ) = 3
DISPLAY "Output voltage = Y
CHECK THAT 1Y IS LOW
ELSE
DISPLAY "Output voltage = Y
CHECK THAT 1Y IS HIGH
END IF
DATA = DATA + 1
END DO
CompactLink Software
Library Development Manager
The Library Development Manager displays all the devices added to the library and saved in the USER family.
TM
All details are stored in the Microsoft Access compatible database file located in the PremierLink folder.
The device data is organised in 20 families and can be filtered using the drop down menus. A device name or function can also
be typed in to facilitate the search. The list will be filtered to show only the entries containing the entered text. As an option,
intelligent sort produces a more logical list by using the numeric part of the device name only.
Device Definition
When a device is selected or created, the device definition
window appears. This allows the user to enter the information
related to the device as well as define its physical characteristics.
The name and function will be used by the database for sorting.
Parameters such as package, class, thresholds and output types
may also be selected.
The power and ground pins of the new device must be specified
using the pin out table.
Programming Interface
The Programming Interface is designed for the generation
and debugging of new functional IC tests. PLIP (PremierLink
IC Programming) is a high level language designed
specifically for test programming. The syntax is highly
descriptive so that programmes are, to a large extent, self
commenting. However, comments can also be inserted if
required.
The built in compiler generates binary data which can be
executed in stand alone form by the integral debugger or
combined into library files for use with System8 products.
Up to 3 breakpoints can be added to the programme where
execution can be suspended and data can be examined.
The debugger allows the user to identify and fix the possible
problems in the programme, whilst connected to the
hardware, before adding the new device to the library.
Online Active Help
CompactLink is supplied with an extensive online active help which can be accessed
at any time during programming. This facility provides the user with a PLIP syntax
guide for each command. The Active Help window is broken down into :
!
A syntax section
!
An extensive description of the command
!
Concrete examples for illustration
!
Additional comments (if applicable)
!
Target field
ABI Electronics Limited
Dodworth Business Park
Dodworth, Barnsley
South Yorkshire S75 3SP
United Kingdom
Tel: +44 1226 207420
Fax: +44 1226 207620
www.abielectronics.co.uk
Functional IC Test Generator



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com