Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1206 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # LR1206
Description  Low Value Flat Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

LR1206 Datasheet(HTML) 2 Page - Welwyn Components Limited

  LR1206 Datasheet HTML 1Page - Welwyn Components Limited LR1206 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low Value Flat
Chip Resistor
LRC/LRF Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue E · 12.04
Welwyn Components
Characteristics
Test Method
Performance
Thermal Shock
MIL-STD-202 Method 107
±0.5%
Condition B, -65°C +125°C
Short Time
MIL-PRF-55342
±0.5%
Overload
High Temperature
MIL-PRF-55342
±0.5%
Exposure
Temperature
MIL-STD-883 Method 1010
±0.25%
Cycling
Test Condition B
Moisture
MIL-PRF-55342
±0.5%
Load Life
MIL-PRF-55342
±1.0%
Rated Power @ 70°C
Low Temperature
MIL-PRF-55342
±0.5%
Operation
Low Temperature
-65°C, 100 Hours
±0.5%
Storage
Resistance to
MIL-STD-202 Method 210
±0.25%
Solder Heat
Leach Resistance
Molten Solder 250°C
90 seconds
minimum
LRC 2512 1 w
att
LRC 2512 2 w
att
LRC 2010 0.5 watt
LRC 2010 1 w
att
LR C 1206 0.25
w att
LR C 1206 0.5
w att
Dimensions (mm)
A
B
C
LR1206
2.0
4.0
1.25
LR2010
3.05
6.5
1.5
LR2512
3.7
7.75
1.5
Note:
For resistance values R025 and below part will be supplied as type LRF.
Components must be mounted with resistance value marking face up to ensure correct resistance value and tolerance.
A
C
B
LRC-LRF_E.qxd
12/23/04
10:07 AM
Page 2
25
70
150 (°C)
0
20
40
60
80
100
(%)
Ambient temperature
Ordering Procedure
Example: LRF2512 at 10 milliohms (hence flip-chip mounted) and 2% tolerance on a reel of 1800 pieces
L R F 2 5 1 2 – R 0 1 G W
Type
Mounting
Conventional (element up)
Values > R025
F
Flip-chip (element down)
Size
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
G 2%
J
5%
Packing
W
Tape
1206 or 2010
3000/reel
Standard
2512
1800/reel
T1
All sizes
1000/reel
Values < R025



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com