Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS424E02 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTS424E02
Description  Memory module temperature sensor with a 2Kb SPD EEPROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02 Datasheet(HTML) 5 Page - STMicroelectronics

  STTS424E02 Datasheet HTML 1Page - STMicroelectronics STTS424E02 Datasheet HTML 2Page - STMicroelectronics STTS424E02 Datasheet HTML 3Page - STMicroelectronics STTS424E02 Datasheet HTML 4Page - STMicroelectronics STTS424E02 Datasheet HTML 5Page - STMicroelectronics STTS424E02 Datasheet HTML 6Page - STMicroelectronics STTS424E02 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STTS424E02
Part numbering
5/7
Part numbering
Table 2.
Ordering information scheme
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Example:
STTS424E02
C
DA
6
F
Device type
STTS424E02
Grade
C: Maximum accuracy 75°C to 95°C =
± 2°C
B: Maximum accuracy 75°C to 95°C =
± 1°C(1)
1.
Contact local ST sales office for availability.
Package
DA = DFN8
DW = TSSOP8 (4.4mm x 3 mm body size)(1)
Temperature
-40°C to 85°C
Shipping method
F = ECOPACK package, tape & reel packing
E = ECOPACK package, tube packing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com