Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSG91600 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG91600
Description  DisplayPort Plug to DVI-D Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG91600 Datasheet(HTML) 1 Page - Pro-Signal

  PSG91600 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
28/06/21
DisplayPort Plug to DVI-D Plug
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Description
Easily connect a DVI display to a DisplayPort source without the use of an
additional adaptor.
Specifications
Connector Type A
: DisplayPort Plug
Connector Type B
: DVI-D Plug
Jacket Colour
: Black
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
“Length” Part Number
Computer Cable, DisplayPort Plug,
DVI-D Plug, Black
1m
PSG91577
2m
PSG91578
3m
PSG91599
5m
PSG91600
Diagram
1
30AWG (7/0.08×1P+AL)×4+30AWG
(7/0.08) × 5C+AL+D OD=6±0.2mm
Colour: Black
2 Display Port male, Gold Plated,
ABS Housing, Black
3 IC-3361
4 Black ABS assemble Housing
5 DVI (24+1) Male gold plating
6 PE Internal mode
7 45P PVC Black mold
8 PVC 44p Black
Length


Similar Part No. - PSG91600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSG91602 ETC-PSG91602 Datasheet
253Kb / 1P
HDML F TO DVI (241) M CABLE
2019.04.09
More results

Similar Description - PSG91600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0687850004 MOLEX8-0687850004 Datasheet
189Kb / 3P
Mini DisplayPort*(Plug)-to-Mini DisplayPort
0687850006 MOLEX8-0687850006 Datasheet
189Kb / 3P
Mini DisplayPort(Plug)-to-Mini DisplayPort*(Plug) Cable Assembly, 2.0m (6.56), Leadfree
0687850002 MOLEX8-0687850002 Datasheet
237Kb / 3P
Mini DisplayPort(Plug)-to-DisplayPort*(Plug) Cable Assembly, 1.5m (4.92), Lead-free
0687850005 MOLEX8-0687850005 Datasheet
189Kb / 3P
Mini DisplayPort*(Plug)-to-Mini DisplayPort*(Plug) Cable Assembly, 1.5m (4.92), Leadfree
0687850003 MOLEX8-0687850003 Datasheet
237Kb / 3P
Mini DisplayPort(Plug)-to-DisplayPort(Plug) Cable Assembly, 2.0m (6.56), Lead-free
logo
Tripp Lite. All Rights ...
P581010 TRIPPLITE-P581010 Datasheet
483Kb / 2P
Displayport to DVI Cable, Displayport with Latches to DVI-D Single Link Adapter (M-M), 10-ft
logo
Molex Electronics Ltd.
0687850001 MOLEX1-0687850001_18 Datasheet
35Kb / 1P
Mini DisplayPort (Plug)-to-DisplayPort (Plug) Cable Assembly, 1.0m, Lead-Free
0687850005 MOLEX1-0687850005_18 Datasheet
34Kb / 1P
Mini DisplayPort (Plug)-to-Mini DisplayPort (Plug) Cable Assembly, 1.50m, Lead-Free
logo
Vecow Co., Ltd.
IVH-9204MX VECOW-IVH-9204MX Datasheet
443Kb / 2P
DVI-I, DVI-D & DisplayPort interfaces, up to 4K display
logo
IOGEAR
GDPDVIW6 IOGEAR-GDPDVIW6 Datasheet
136Kb / 2P
DisplayPort to DVI Adapter Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com