Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM111 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM111
Description  Voltage comparator with strobe
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM111 Datasheet(HTML) 1 Page - STMicroelectronics

  LM111 Datasheet HTML 1Page - STMicroelectronics LM111 Datasheet HTML 2Page - STMicroelectronics LM111 Datasheet HTML 3Page - STMicroelectronics LM111 Datasheet HTML 4Page - STMicroelectronics LM111 Datasheet HTML 5Page - STMicroelectronics LM111 Datasheet HTML 6Page - STMicroelectronics LM111 Datasheet HTML 7Page - STMicroelectronics LM111 Datasheet HTML 8Page - STMicroelectronics LM111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
September 2006
Rev 4
1/14
14
LM111-LM211-LM311
Voltage comparator with strobe
Features
■ Maximum input current: 150nA
■ Maximum offset current: 20nA
■ Differential input voltage range: ±30V
■ Power consumption:135mW at ±15V
■ Supply voltage: +5V to ±15V
■ Output current: 50mA
Description
The LM111, LM211, LM311 are voltage
comparators that have low input currents.
They are also designed to operate over a wide
range of supply voltages: from standard ±15V
operational amplifier supplies down to the single
+5V supply used for IC logic.
Their output is compatible with RTL-DTL and TTL
as well as MOS circuits and can switch voltages
up to +50V at output currents as high as 50mA.
Order codes
D
SO-8
(Plastic micropackage)
N
DIP8
(Plastic package)
Pin connections (top view)
Part number
Temperature
range
Package
Packing
Marking
LM211N
-40°C, +105°C
DIP8
Tube
LM211N
LM211D/DT
SO-8
Tube or tape & reel
211
LM311N
0°C, +70°C
DIP8
Tube
LM311
LM311D/DT
SO-8
Tube or Tape & reel
311
www.st.com


Similar Part No. - LM111

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM111 NSC-LM111 Datasheet
1Mb / 23P
Voltage Comparator
logo
NXP Semiconductors
LM111 PHILIPS-LM111 Datasheet
71Kb / 4P
Voltage comparator
August 31, 1994
logo
Linear Technology
LM111 LINER-LM111 Datasheet
467Kb / 8P
Voltage Comparator
logo
NXP Semiconductors
LM111 PHILIPS-LM111 Datasheet
86Kb / 8P
Voltage comparator
2003 Sep 30
logo
National Semiconductor ...
LM111 NSC-LM111 Datasheet
303Kb / 17P
VOLTAGE COMPARATOR
More results

Similar Description - LM111

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
VOLTAGE COMPARATOR?
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
Voltage Comparator
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
Micropower Voltage Reference with Comparator
ISL21440 INTERSIL-ISL21440_11 Datasheet
845Kb / 16P
Micropower Voltage Reference with Comparator
February 23, 2011
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
Voltage Comparator
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
Micropower Voltage Reference with Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
Voltage comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com