Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM117 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM117
Description  1.2V TO 37V VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM117 Datasheet(HTML) 1 Page - STMicroelectronics

  LM117 Datasheet HTML 1Page - STMicroelectronics LM117 Datasheet HTML 2Page - STMicroelectronics LM117 Datasheet HTML 3Page - STMicroelectronics LM117 Datasheet HTML 4Page - STMicroelectronics LM117 Datasheet HTML 5Page - STMicroelectronics LM117 Datasheet HTML 6Page - STMicroelectronics LM117 Datasheet HTML 7Page - STMicroelectronics LM117 Datasheet HTML 8Page - STMicroelectronics LM117 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM117/217
LM317
1.2V TO 37V VOLTAGE REGULATOR
November 1999
s
OUTPUT VOLTAGE RANGE : 1.2 TO 37V
s
OUTPUT CURRENT IN EXCESS OF 1.5A
s
0.1% LINE AND LOAD REGULATION
s
FLOATING OPERATION FOR HIGH
VOLTAGES
s
COMPLETE SERIES OF PROTECTIONS :
CURRENT LIMITING, THERMAL
SHUTDOWN AND SOA CONTROL
DESCRIPTION
The
LM117/LM217/LM317
are
monolithic
integrated circuit in TO-220, ISOWATT220, TO-3
and D
2PAK packages intended for use as
positive adjustable voltage regulators.
They are designed to supply more than 1.5A of
load current with an output voltage adjustable
over a 1.2 to 37V range.
The nominal output voltage is selected by means
of only a resistive divider, making the device
exceptionally easy to use and eliminating the
stocking of many fixed regulators.
TO-3
TO-220
D
2PAK
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
Vi-o
Input-output Differential Voltage
40
V
IO
Output Current
I ntenrally Limited
Top
Operating Junction Temperature for: LM117
LM217
LM317
-55 to 150
-25 to 150
0 to 125
oC
oC
oC
Ptot
Power Dissipation
I nternally Limited
Tstg
Storage Temperature
- 65 to 150
oC
THERMAL DATA
Symbol
Parameter
TO-3
TO-220
ISOW ATT220
D
2PAK
Unit
Rthj-ca se
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
4
35
3
50
4
60
3
62. 5
oC/W
oC/W
ISOWATT220
®
1/11


Similar Part No. - LM117

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
logo
Seme LAB
LM117 SEME-LAB-LM117 Datasheet
42Kb / 4P
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS
logo
STMicroelectronics
LM117 STMICROELECTRONICS-LM117 Datasheet
1,023Kb / 25P
1.2 V to 37 V adjustable voltage regulators
06-Feb-2008
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
1,013Kb / 28P
3-Terminal Adjustable Regulator
logo
Texas Instruments
LM117 TI1-LM117 Datasheet
3Mb / 38P
LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
More results

Similar Description - LM117

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
130Kb / 8P
LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A Datasheet
256Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317A UTC-LM317A_11 Datasheet
227Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317M UTC-LM317M_11 Datasheet
254Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317M ETL-LM317M Datasheet
254Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317M UTC-LM317M_15 Datasheet
292Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317M UTC-LM317M_V01 Datasheet
299Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com