Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM62A32AMLHAAMB Datasheet(PDF) 46 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 46 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 42Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 43Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 44Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 45Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 46Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 47Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 48Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 49Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 247 page
background image
5.3 Signal Descriptions
Many signals are available on multiple pins, according to the software configuration of the pin multiplexing
options.
The following list describes the column headers:
1. SIGNAL NAME: The name of the signal passing through the pin.
Note
Signal names and descriptions provided in each Signal Descriptions table, represent the pin
multiplexed signal function which is implemented at the pin and selected via PADCONFIG registers.
Device subsystems may provide secondary multiplexing of signal functions, which are not described
in these tables. For more information on secondary multiplexed signal functions, see the respective
peripheral chapter of the device TRM.
2. PIN TYPE: Signal direction and type:
• I = Input
• O = Output
• OD = Output, with open-drain output function
• IO = Input, Output, or simultaneously Input and Output
• IOD = Input, Output, or simultaneously Input and Output with open-drain output function
• IOZ = Input, Output, or simultaneously Input and Output with three-state output function
• OZ = Output with three-state output function
• A = Analog
• PWR = Power
• GND = Ground
• CAP = LDO Capacitor
3. DESCRIPTION: Description of the signal
 
4. BALL: Ball number(s) associated with signal
For more information on the IO cell configurations, see the Pad Configuration Registers section in Device
Configuration chapter of the device TRM.
5.3.1 CPSW3G
5.3.1.1 MAIN Domain
Table 5-2. CPSW3G0 RGMII1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
RGMII1_RXC
I
RGMII Receive Clock
AA16
AA16
RGMII1_RX_CTL
I
RGMII Receive Control
AA15
AA15
RGMII1_TXC
IO
RGMII Transmit Clock
AB17
AB17
RGMII1_TX_CTL
O
RGMII Transmit Control
W16
W16
RGMII1_RD0
I
RGMII Receive Data 0
AB16
AB16
RGMII1_RD1
I
RGMII Receive Data 1
V15
V15
RGMII1_RD2
I
RGMII Receive Data 2
W15
W15
RGMII1_RD3
I
RGMII Receive Data 3
V14
V14
RGMII1_TD0
O
RGMII Transmit Data 0
Y17
Y17
RGMII1_TD1
O
RGMII Transmit Data 1
V16
V16
RGMII1_TD2
O
RGMII Transmit Data 2
Y16
Y16
RGMII1_TD3
O
RGMII Transmit Data 3
AA17
AA17
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com