Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-1502M12 Datasheet(PDF) 9 Page - STMicroelectronics

Part # EMIF06-1502M12
Description  6-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-1502M12 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button EMIF06-1502M12 Datasheet HTML 2Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 3Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 4Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 5Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 6Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 7Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 8Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 9Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EMIF06-1502M12
Ordering information
9/10
5
Ordering information
6
Revision history
Table 4.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
EMIF06-1502M12
E(1)
1.
The marking can be rotated by 90° to differentiate assembly location
Micro QFN
6 mg
3000
Tape and reel (7”)
Table 5.
Document revision history
Date
Revision
Changes
12-Dec-2005
1
Initial release.
3-Jul-2006
2
Reformatted to current standard. Changed Figure 1 to show
improved results.
1-Feb-2007
3
Added note on marking rotation in section 3. Package information.
04-Feb-2008
4
Reformatted to current standards. Updated ECOPACK statement.
Updated Section 4: Recommendation on PCB assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com