Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPA2155DM Datasheet(PDF) 4 Page - Micro Electronics

Part # TMPA2155DM
Description  2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

TMPA2155DM Datasheet(HTML) 4 Page - Micro Electronics

  TMPA2155DM Datasheet HTML 1Page - Micro Electronics TMPA2155DM Datasheet HTML 2Page - Micro Electronics TMPA2155DM Datasheet HTML 3Page - Micro Electronics TMPA2155DM Datasheet HTML 4Page - Micro Electronics TMPA2155DM Datasheet HTML 5Page - Micro Electronics TMPA2155DM Datasheet HTML 6Page - Micro Electronics TMPA2155DM Datasheet HTML 7Page - Micro Electronics TMPA2155DM Datasheet HTML 8Page - Micro Electronics TMPA2155DM Datasheet HTML 9Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Preliminary
TMPA2155DM
tai'mec
www.taimec.com.tw / www.class-d.com.tw
Rev.1.0
December 24, 2007
Copyright ©2005, Tai-1 Microelectronics Corp.
4
OPERATING CHARACTERISTICS
TA=25。C, RL=8Ω speaker (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP MAX
UNIT
RL=8Ω
1.5
W
RL=4Ω
2.3
W
PO
Output power / Ch
RL=3Ω
VDD=AVDD=5V.
THD+N=10%,f=1kHz.
2.7
W
VDD=AVDD=5V, PO=0.85W, RL=8Ω, f=1kHz
0.55
VDD=AVDD=5V, PO=1.3W, RL=4Ω, f=1kHz
0.55
THD+N
Total harmonic distortion plus noise
VDD=AVDD=5V, PO=1.5W, RL=3Ω, f=1kHz
0.64
%
SNR
Signal-to-noise ratio
VDD=AVDD=5V, PO=1W, RL=8Ω
85
dB
Crosstalk
Crosstalk between outputs
VDD=AVDD=5V, PO=1W RL=8Ω
-60
dB
TERMINAL FUNCTIONS
TERMINAL
NAME
PIN NO
I/O
DESCRIPTION
GND
2
I
Digital ground
IN-
4
I
Negative differential input
IN+
3
I
Positive differential input
SDNB
5
I
Shutdown terminal (active low logic)
VDD
7
I
Digital Power supply
VDDA
6
I
Analog Power supply
VO+
1
O
Positive BTL output
VO-
8
O
Negative BTL output
TYPICAL CHARACTERISTICS
Note 1. Input coupling 1µF capacitors are used for all measurements.
2. Differential inputs are applied and BTL outputs are measured.
3. Balanced LC filter is used for THD+N measurement and power efficiency measurement.
4. Characteristic frequency of the LC filter is set 41KHz unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com