Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20120CFP Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS20120CFP
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20120CFP Datasheet(HTML) 2 Page - STMicroelectronics

  STPS20120CFP Datasheet HTML 1Page - STMicroelectronics STPS20120CFP Datasheet HTML 2Page - STMicroelectronics STPS20120CFP Datasheet HTML 3Page - STMicroelectronics STPS20120CFP Datasheet HTML 4Page - STMicroelectronics STPS20120CFP Datasheet HTML 5Page - STMicroelectronics STPS20120CFP Datasheet HTML 6Page - STMicroelectronics STPS20120CFP Datasheet HTML 7Page - STMicroelectronics STPS20120CFP Datasheet HTML 8Page - STMicroelectronics STPS20120CFP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STPS20120C
2/9
1
Characteristics
When the diodes 1 and 2 are used simultaneously :
Tj(diode 1) = P(diode 1) x Rth(j-c)(per diode) + P(diode 2) x Rth(c)
To evaluate the maximum conduction losses use the following equation :
P = 0.62 x IF(AV) + 0.012 IF
2
(RMS)
Table 2.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
I2PAK / TO-220AB
Per diode
Total
3
1.8
° C/W
TO-220FPAB
Per diode
Total
5.5
4.5
Rth(c)
Coupling
I2PAK / TO-220AB
Total
0.6
TO-220FPAB
3.5
Table 3.
Static electrical characteristics (per diode)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test : tp = 5 ms,
δ < 2%
Reverse leakage current
Tj = 25° C
VR = VRRM
10
µA
Tj = 125° C
1.5
5
mA
VF
(2)
2.
Pulse test : tp = 380 µs,
δ < 2%
Forward voltage drop
Tj = 25° C
IF = 2.5 A
0.7
V
Tj = 125° C
0.54
0.58
Tj = 25° C
IF = 10 A
0.92
Tj = 125° C
0.7
0.74
Tj = 25° C
IF = 20 A
1.02
Tj = 125° C
0.81
0.86



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com