Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG4501 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SCG4501
Description  Synchronous Clock Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCG4501 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SCG4501 Datasheet HTML 8Page - List of Unclassifed Manufacturers SCG4501 Datasheet HTML 9Page - List of Unclassifed Manufacturers SCG4501 Datasheet HTML 10Page - List of Unclassifed Manufacturers SCG4501 Datasheet HTML 11Page - List of Unclassifed Manufacturers SCG4501 Datasheet HTML 12Page - List of Unclassifed Manufacturers SCG4501 Datasheet HTML 13Page - List of Unclassifed Manufacturers SCG4501 Datasheet HTML 14Page - List of Unclassifed Manufacturers SCG4501 Datasheet HTML 15Page - List of Unclassifed Manufacturers SCG4501 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary Data Sheet #: SG040
Page 13 of 16
Rev: P01
Date: 11/13/03
© Copyright 2003 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Recommended PECL Termination
Figure 15
50
Ω
SCGXXXX
LVPECL
OUTPUT
Q
QN
Vcc
GND
50
Ω Transmission Line
3.3 VDC
82
Ω
50
Ω Transmission Line
LVPECL
INPUT
D
DN
Vcc
GND
3.3 VDC
SCGXXXX
LVPECL
OUTPUT
Q
QN
Vcc
GND
LVPECL
INPUT
D
DN
Vcc
GND
50
Ω
130
Ω
82
Ω
3.3 VDC
LVPECL
INPUT
D
DN
Vcc
GND
3.3 VDC
50
Ω Transmission Line
3.3 VDC
50
Ω Transmission Line
3.3 VDC
SCGXXXX
LVPECL
OUTPUT
Q
QN
Vcc
GND
Vcc - 2 VDC
Vcc - 2 VDC
100
Ω
50
Ω Transmission Line
50
Ω Transmission Line
130
Ω
3.3 VDC
150
Ω
150
Ω
If PECL outputs do not drive a long line (< 0.5”),
a single 150
Ω termination resistor to ground may be used for each pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com