Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOS8102CS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TOS8102CS
Description  7 SEGMENT LED DISPLAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TOS8102CS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TOS8102CS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7 SEGMENT LED DISPLAY
20mm (0.8") SINGLE DIGIT
TOS8102 series
Schematic Options
Part Number Key
TOS8102
Schematic
Colour Code
AS
TO145/9528
millimetres(inches)
Specification
Typical Forward
Voltage IF=20mA
Maximum Reverse
Current VR=5V
Maximum Forward
Voltage IF=20mA
Bright
2.1
2.8
100
Extra Bright
Super Bright
2.1
2.8
100
2.1
2.8
100
Extra Bright
2.2
2.8
100
Extra Bright
2.1
2.8
100
Volts
Volts
µA
Colour
Colour Code
Brightness Category
Red
Red
Red
Green
Yellow
RE
S
GY
Peak
Wavelength IF=20mA
697
630
660
565
585
nm
Typical Luminous
Intensity IF=10mA
700
3500
17500
4000
3500
µcd
a
b
c
d
e
f
g
DP1
DP2
Ø2.2
1
15.24
20.0
A
Common Cathode Dual Decimal point
B
Common Anode Dual Decimal point
3,5,11,16
114
12
10
4
2
13
6
9
abc
d
ef
g LDP RDP
abc
d
ef
g LDP RDP
114
12
10
4
2
13
6
9
3,5,11,16
* also available
with black face
grey*
face
Red - Extra Bright (E) also available in low current


Similar Part No. - TOS8102CS

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
TOS-1844R-C3310-R PUI-TOS-1844R-C3310-R Datasheet
65Kb / 1P
MICROPHONE
logo
List of Unclassifed Man...
TOS-40101 ETC1-TOS-40101 Datasheet
153Kb / 1P
4.00 INCH SINGLE DIGIT NUMERIC DISPLAYS
TOS-40101AE ETC1-TOS-40101AE Datasheet
153Kb / 1P
4.00 INCH SINGLE DIGIT NUMERIC DISPLAYS
TOS-40101AG ETC1-TOS-40101AG Datasheet
153Kb / 1P
4.00 INCH SINGLE DIGIT NUMERIC DISPLAYS
TOS-40101AH ETC1-TOS-40101AH Datasheet
153Kb / 1P
4.00 INCH SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - TOS8102CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TOS5121 ETC-TOS5121 Datasheet
45Kb / 1P
7 SEGMENT LED DISPLAY
TOS3104 ETC-TOS3104 Datasheet
43Kb / 1P
7 SEGMENT LED DISPLAY
TOS5161 ETC-TOS5161 Datasheet
45Kb / 1P
7 SEGMENT LED DISPLAY
logo
Visual Communications C...
DSM7TA28105T VCC-DSM7TA28105T Datasheet
504Kb / 6P
7-Segment LED Numeric Display
DSM7TA28106T VCC-DSM7TA28106T Datasheet
491Kb / 6P
7-Segment LED Numeric Display
DSM7TA56101T VCC-DSM7TA56101T Datasheet
443Kb / 6P
7-Segment LED Numeric Display
DSM7TA56105T VCC-DSM7TA56105T Datasheet
446Kb / 6P
7-Segment LED Numeric Display
DSM7TA56106T VCC-DSM7TA56106T Datasheet
444Kb / 6P
7-Segment LED Numeric Display
DSM7UA30101 VCC-DSM7UA30101 Datasheet
957Kb / 7P
Single Digit 7-Segment LED Display
DSM7UA56101 VCC-DSM7UA56101 Datasheet
955Kb / 7P
Single Digit 7-Segment LED Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com