Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101X6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM32F101X6
Description  Access line, advanced ARM-based 32-bit MCU with Flash memory, six 16-bit timers, ADC and seven communication interfaces
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32F101X6 Datasheet HTML 3Page - STMicroelectronics STM32F101X6 Datasheet HTML 4Page - STMicroelectronics STM32F101X6 Datasheet HTML 5Page - STMicroelectronics STM32F101X6 Datasheet HTML 6Page - STMicroelectronics STM32F101X6 Datasheet HTML 7Page - STMicroelectronics STM32F101X6 Datasheet HTML 8Page - STMicroelectronics STM32F101X6 Datasheet HTML 9Page - STMicroelectronics STM32F101X6 Datasheet HTML 10Page - STMicroelectronics STM32F101X6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
STM32F101xx
Introduction
7/74
1
Introduction
This datasheet contains the description of the STM32F101xx access line family features,
pinout, electrical characteristics, mechanical data and ordering information.
For information on programming, erasing and protection of the internal Flash memory
please refer to the STM32F10xxx Flash programming reference manual.
For information on the Cortex™-M3 core please refer to the Cortex™-M3 Technical
Reference Manual.
2
Description
The STM32F101xx access line family incorporates the high-performance ARM Cortex™-M3
32-bit RISC core operating at a 36 MHz frequency, high-speed embedded memories (Flash
memory up to 128Kbytes and SRAM up to 16 Kbytes), and an extensive range of enhanced
peripherals and I/Os connected to two APB buses. All devices offer standard communication
interfaces (two I2Cs, two SPIs, and up to three USARTs), one 12-bit ADC and three general
purpose 16-bit timers.
The STM32F101 family operates in the
−40 to +85°C temperature range, from a 2.0 to 3.6 V
power supply. A comprehensive set of power-saving mode allows to design low-power
applications.
The complete STM32F101xx access line family includes devices in 3 different package
types: from 36 pins to 100 pins. Depending on the device chosen, different sets of
peripherals are included, the description below gives an overview of the complete range of
peripherals proposed in this family.
These features make the STM32F101xx access line microcontroller family suitable for a
wide range of applications:
Application control and user interface
Medical and handheld equipment
PC peripherals, gaming and GPS platforms
Industrial applications: PLC, inverters, printers, and scanners
Alarm systems, Video intercom, and HVAC
Figure 1 shows the general block diagram of the device family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com