Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX188 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPAX188
Description  OPAx591 85V, Precision (100μV), Low-Power (420μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX188 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPAX188 Datasheet HTML 9Page - Texas Instruments OPAX188 Datasheet HTML 10Page - Texas Instruments OPAX188 Datasheet HTML 11Page - Texas Instruments OPAX188 Datasheet HTML 12Page - Texas Instruments OPAX188 Datasheet HTML 13Page - Texas Instruments OPAX188 Datasheet HTML 14Page - Texas Instruments OPAX188 Datasheet HTML 15Page - Texas Instruments OPAX188 Datasheet HTML 16Page - Texas Instruments OPAX188 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
The OPAx591 is used to build a high precision instrumentation amplifier that is capable of operating with high
common-mode voltages. This instrumentation is an attractive option for high voltage, high-side current sensing.
A high-voltage, high-side current sense application is discussed here.
Use the following parameters for this design example:
• Common-mode voltage: 54V
• Current output range: 100nA to 1µA
• Typical uncalibrated error: < 0.1%
7.2.1.2 Detailed Design Procedure
The OPAx591 can be configured as a three operational amplifier (op amp) to achieve a very high input
common-mode voltage range. The instrumentation amplifier can be compartmentalized as a two stage amplifier
with an input or gain stage, and a difference amplifier stage. Figure 7-2 illustrates a generic three op amp
instrumentation amplifier.
+
–
VIN
VOUT
R
+
–
VIN+
RG
RF2
RF1
R
+
–
R
R
OPA
OPA
V+
V+
V+
OPA
VREF
Gain stage
Difference amplifier
Figure 7-2. Instrumentation Amplifier
To support the high common-mode voltage range requirement, the OPAx591 is powered with 85V, yielding a
81.5V input common-mode voltage. The OPAx591 has an input voltage range of (V−) − 0.1V to (V+) − 3.5V.
The output voltage swing also limits the common-mode voltage for a given differential voltage. The relationship
is given below in Equation 3. Note that 85V is the maximum operating power supply voltage of the OPAx591 and
the 1.5V accounts for the linear output voltage swing for 10kΩ as given in Electrical Characteristics.
VIN++ VIN+−VIN− RFRG <85V−1.5V
(3)
The shunt resistor is set to be as small as possible to minimize the voltage drop. Given practical amplifier error
sources, choose a shunt resistor that provides a voltage drop large enough to meet the accuracy requirements
of the application. The largest error source in current sense applications is the amplifier and resistor drift and
typically set the lower bound on the shunt resistor value. In most general purpose applications, a voltage drop of
no more than 100mV is acceptable.
The OPAx591 provides very low offset and offset drift to enable high accuracy measurements to be made even
at low current values. Another benefit of the OPAx591 is the low input bias current of 15pA, maximum. The low
input bias current enables high accuracy measurements down to the nanoampere range.
OPAx591 circuit is configured to provide a maximum output voltage of 20V for a full scale current of 1µA,
corresponding to a 100mV drop across the 10kΩ shunt resistor. The gain of the first stage is set to 20V/V and
the difference amplifier stage gain is set to 10V/V for a total gain of 200V/V. The lower bound of the current
measurement capability of the circuit is determined by the maximum error tolerance of the application such that
the percent error of the circuit increases as the voltage drop across the shunt resistor decreases. The transfer
function of the amplifier given by Equation 4.
www.ti.com
OPA591, OPA2591
SBOSA47 – FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA591 OPA2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com