Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LM324
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM324 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LM324 Datasheet HTML 6Page - STMicroelectronics LM324 Datasheet HTML 7Page - STMicroelectronics LM324 Datasheet HTML 8Page - STMicroelectronics LM324 Datasheet HTML 9Page - STMicroelectronics LM324 Datasheet HTML 10Page - STMicroelectronics LM324 Datasheet HTML 11Page - STMicroelectronics LM324 Datasheet HTML 12Page - STMicroelectronics LM324 Datasheet HTML 13Page - STMicroelectronics LM324 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
.
LARGE VOLTAGE GAIN : 100dB
.
VERY LOW SUPPLY CURRENT/AMPLI :
375
µA
.
LOW INPUT BIAS CURRENT : 20nA
.
LOW INPUT OFFSET VOLTAGE : 2mV
.
LOW INPUT OFFSET CURRENT : 2nA
.
WIDE POWER SUPPLY RANGE :
SINGLE SUPPLY : +3V to +30V
DUAL SUPPLIES :
±1.5V to ±15V
** Standard Linear Ics Macromodels, 1993.
** CONNECTIONS :
* 1 INVERTING INPUT
* 2 NON-INVERTING INPUT
* 3 OUTPUT
* 4 POSITIVE POWER SUPPLY
* 5 NEGATIVE POWER SUPPLY
.SUBCKT LM124 1 3 2 4 5 (analog)
**********************************************************
.MODEL MDTH D IS=1E-8 KF=3.104131E-15
CJO=10F
* INPUT STAGE
CIP 2 5 1.000000E-12
CIN 1 5 1.000000E-12
EIP 10 5 2 5 1
EIN 16 5 1 5 1
RIP 10 11 2.600000E+01
RIN 15 16 2.600000E+01
RIS 11 15 2.003862E+02
DIP 11 12 MDTH 400E-12
DIN 15 14 MDTH 400E-12
VOFP 12 13 DC 0
VOFN 13 14 DC 0
IPOL 13 5 1.000000E-05
CPS 11 15 3.783376E-09
DINN 17 13 MDTH 400E-12
VIN 17 5 0.000000e+00
DINR 15 18 MDTH 400E-12
VIP 4 18 2.000000E+00
FCP 4 5 VOFP 3.400000E+01
FCN 5 4 VOFN 3.400000E+01
FIBP 2 5 VOFN 2.000000E-03
FIBN 5 1 VOFP 2.000000E-03
* AMPLIFYING STAGE
FIP 5 19 VOFP 3.600000E+02
FIN 5 19 VOFN 3.600000E+02
RG1 19 5 3.652997E+06
RG2 19 4 3.652997E+06
CC 19 5 6.000000E-09
DOPM 19 22 MDTH 400E-12
DONM 21 19 MDTH 400E-12
HOPM 22 28 VOUT 7.500000E+03
VIPM 28 4 1.500000E+02
HONM 21 27 VOUT 7.500000E+03
VINM 5 27 1.500000E+02
EOUT 26 23 19 5 1
VOUT 23 5 0
ROUT 26 3 20
COUT 3 5 1.000000E-12
DOP 19 25 MDTH 400E-12
VOP 4 25 2.242230E+00
DON 24 19 MDTH 400E-12
VON 24 5 7.922301E-01
.ENDS
Applies to : LM124-LM224-LM324
ELECTRICAL CHARACTERISTICS
VCC
+ = +5V, VCC- = 0V, Tamb =25oC (unless otherwise specified)
Symbol
Conditions
Value
Unit
Vio
0mV
Avd
RL =2k
Ω
100
V/mV
ICC
No load, per operator
350
µA
Vicm
-15 to +13.5
V
VOH
RL =2k
Ω (VCC+ = 15V)
+13.5
V
VOL
RL = 10k
Ω
5mV
IOS
VO = +2V, VCC = +15V
+40
mA
GBP
RL =2k
Ω, CL = 100pF
1.3
MHz
SR
RL =2k
Ω, CL = 100pF
0.4
V/
µs
LM124 - LM224 - LM324
11/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com