Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSL278 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HSL278
Description  Silicon Schottky Barrier Diode for Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSL278 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HSL278 Datasheet HTML 1Page - Renesas Technology Corp HSL278 Datasheet HTML 2Page - Renesas Technology Corp HSL278 Datasheet HTML 3Page - Renesas Technology Corp HSL278 Datasheet HTML 4Page - Renesas Technology Corp HSL278 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSL278
Rev.1.00 Apr 20, 2005 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
30
V
Reverse voltage
VR
30
V
Average rectified current
IO
30
mA
Non-Repetitive peak forward surge current
IFSM *
200
mA
Peak forward current
IFM
150
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Note
: 10 ms sine wave 1 pulse
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
VF1
0.30
IF = 1 mA
Forward voltage
VF2
0.95
V
IF = 30 mA
Reverse current
IR
700
nA
VR = 10 V
Capacitance
C
1.5
pF
VR = 1 V, f = 1 MHz
ESD-Capability *
1
100
V
C = 200 pF, RL = 0 Ω, Both forward
and reverse direction 1 pulse.
Notes
: 1. Failure criterion ; IR ≥ 1.4 µA at VR =10 V
2. Please do not use the soldering iron due to avoid high stress to the EFP package.
3. The material of lead is exposed for cutting plane. There for, soldering nature of lead tip part is considered as
unquestioned. Please kindly consider soldering nature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com