Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF4NK50ZD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF4NK50ZD
Description  N-channel 500V - 2.4Ω - 3A - TO-220 - TO-220FP- DPAK - IPAK Fast diode SuperMESH??Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF4NK50ZD Datasheet(HTML) 1 Page - STMicroelectronics

  STF4NK50ZD Datasheet HTML 1Page - STMicroelectronics STF4NK50ZD Datasheet HTML 2Page - STMicroelectronics STF4NK50ZD Datasheet HTML 3Page - STMicroelectronics STF4NK50ZD Datasheet HTML 4Page - STMicroelectronics STF4NK50ZD Datasheet HTML 5Page - STMicroelectronics STF4NK50ZD Datasheet HTML 6Page - STMicroelectronics STF4NK50ZD Datasheet HTML 7Page - STMicroelectronics STF4NK50ZD Datasheet HTML 8Page - STMicroelectronics STF4NK50ZD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
April 2006
Rev 3
1/17
17
STD4NK50ZD - STD4NK50ZD-1
STF4NK50ZD - STP4NK50ZD
N-channel 500V - 2.4
Ω - 3A - TO-220 - TO-220FP- DPAK - IPAK
Fast diode SuperMESH™ Power MOSFET
General features
■ 100% avalanche tested
■ Extremely high dv/dt capability
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeability
Description
The fast SuperMESH™ series associates all
advantages of reduced on-resistance, zener gate
protection and outstanding dc/dt capability with a
Fast body-drain recovery diode. Such series
complements the FDmesh™ advanced tecnology.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STD4NK50ZD-1
500V
<2.7
Ω
3A
45W
STD4NK50ZD
500V
<2.7
Ω
3A
45W
STF4NK50ZD
500V
<2.7
Ω
3A
20W
STP4NK50ZD
500V
<2.7
Ω
3A
45W
1
2
3
TO-220
DPAK
IPAK
1
3
3
2
1
1
2
3
TO-220FP
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD4NK50ZD-1
D4NK50ZD-1
IPAK
Tube
STD4NK50ZD
D4NK50ZD
DPAK
Tape & reel
STF4NK50ZD
F4NK50ZD
TO-220FP
Tube
STP4NK50ZD
P4NK50ZD
TO-220
Tube


Similar Part No. - STF4NK50ZD

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF4NK50ZD ISC-STF4NK50ZD Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF4NK50ZD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NK90Z STMICROELECTRONICS-STP3NK90Z Datasheet
613Kb / 13P
N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Nov-2002
STP4NK50Z STMICROELECTRONICS-STP4NK50Z Datasheet
664Kb / 13P
N-CHANNEL 500V - 2.4ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Dec-2002
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP5NK40Z STMICROELECTRONICS-STP5NK40Z Datasheet
601Kb / 13P
N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP7NK40Z STMICROELECTRONICS-STP7NK40Z Datasheet
605Kb / 13P
N-CHANNEL 400V-0.85ohm-5.4A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Sep-2002
STP6NK50Z STMICROELECTRONICS-STP6NK50Z Datasheet
408Kb / 12P
N-CHANNEL 500V - 0.93 ohm - 5.6A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH MOSFET
Apr-2004
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
16-Aug-2006
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
N-channel 800V - 3.8Ω - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
10-Aug-2006
STD4NK50ZT4 STMICROELECTRONICS-STD4NK50ZT4 Datasheet
671Kb / 13P
N-CHANNEL 500V - 2.4W - 3A TO-220/TO-220FP/DPAK/IPAK
Dec-2002
STD5NK40ZT4 STMICROELECTRONICS-STD5NK40ZT4 Datasheet
608Kb / 13P
N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK
Feb-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com