Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB50NF25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB50NF25
Description  N-channel 250V - 0.055Ω - 45A - D2PAK - TO-220 low gate charge STripFET??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB50NF25 Datasheet(HTML) 1 Page - STMicroelectronics

  STB50NF25 Datasheet HTML 1Page - STMicroelectronics STB50NF25 Datasheet HTML 2Page - STMicroelectronics STB50NF25 Datasheet HTML 3Page - STMicroelectronics STB50NF25 Datasheet HTML 4Page - STMicroelectronics STB50NF25 Datasheet HTML 5Page - STMicroelectronics STB50NF25 Datasheet HTML 6Page - STMicroelectronics STB50NF25 Datasheet HTML 7Page - STMicroelectronics STB50NF25 Datasheet HTML 8Page - STMicroelectronics STB50NF25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
November 2007
Rev 4
1/14
14
STB50NF25
STP50NF25
N-channel 250V - 0.055
Ω - 45A - D2PAK - TO-220
low gate charge STripFET™ Power MOSFET
Features
■ 100% avalanche tested
■ Gate charge minimized
■ Low intrinsic capacitances
Application
Switching applications
Description
This Power MOSFET series realized with
STMicroelectronics unique STripFET™ process
has specifically been designed to minimize on-
resistance and gate charge. It is therefore suitable
as primary side switch allowing high efficiencies.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
Max
ID
PW
STP50NF25
250 V
<0.069
Ω
45 A
160 W
STB50NF25
250 V
<0.069
Ω
45 A
160 W
1
3
1
2
3
D²PAK
TO-220
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STP50NF25
50NF25
TO-220
Tube
STB50NF25
50NF25
D²PAK
Tape & reel
www.st.com


Similar Part No. - STB50NF25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB50N25M5 STMICROELECTRONICS-STB50N25M5 Datasheet
903Kb / 14P
N-channel 250 V, 0.065 Ω, 28 A, MDmesh V Power MOSFET in DPAK package
28-Mar-2012
STB50NE08 STMICROELECTRONICS-STB50NE08 Datasheet
95Kb / 8P
N - CHANNEL ENHANCEMENT MODE ” SINGLE FEATURE SIZE” POWER MOSFET
Mar-1998
STB50NE10 STMICROELECTRONICS-STB50NE10 Datasheet
86Kb / 8P
N - CHANNEL 100V - 0.02ohm - 50A - D2PAK STripFET] POWER MOSFET
Dec-1998
STB50NE10 STMICROELECTRONICS-STB50NE10 Datasheet
412Kb / 13P
N-channel 100V - 0.021Ω - 50A - D2PAK STripFET??Power MOSFET
26-Jun-2006
STB50NE10L STMICROELECTRONICS-STB50NE10L Datasheet
51Kb / 5P
N - CHANNEL 100V - 0.020ohm - 50A - D2PAK STripFET POWER MOSFET
Jun-1998
More results

Similar Description - STB50NF25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP35NF10 STMICROELECTRONICS-STP35NF10 Datasheet
466Kb / 10P
N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Sep-2002
STP70NF3LL STMICROELECTRONICS-STP70NF3LL Datasheet
481Kb / 10P
N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
Oct-2003
STB80NF10 STMICROELECTRONICS-STB80NF10 Datasheet
317Kb / 14P
N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET
25-Jan-2007
STB24NF10 STMICROELECTRONICS-STB24NF10_06 Datasheet
421Kb / 14P
N-channel 100V - 0.0055OHM - 26A - TO-220 - D2PAK Low gate charge STripFET TM II Power MOSFET
09-Aug-2006
STP30NF20 STMICROELECTRONICS-STP30NF20 Datasheet
390Kb / 16P
N-channel 200V - 0.065Ω - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET™Power MOSFET
18-Oct-2007
STB75NF20 STMICROELECTRONICS-STB75NF20 Datasheet
510Kb / 16P
N-channel 200V - 0.028 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET Power MOSFET
21-Mar-2007
STB35NF10 STMICROELECTRONICS-STB35NF10_06 Datasheet
427Kb / 14P
N-channel 100V - 0.030廓 - 40A - D2PAK/TO-220 Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STB75N20 STMICROELECTRONICS-STB75N20 Datasheet
508Kb / 16P
N-channel 200V - 0.028廓 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET??Power MOSFET
19-Jul-2006
STW30N20 STMICROELECTRONICS-STW30N20 Datasheet
392Kb / 16P
N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
18-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com