Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA330 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA330
Description  2.0 digital audio processor with FFX digital modulator and analog and digital inputs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA330 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA330 Datasheet HTML 18Page - STMicroelectronics STA330 Datasheet HTML 19Page - STMicroelectronics STA330 Datasheet HTML 20Page - STMicroelectronics STA330 Datasheet HTML 21Page - STMicroelectronics STA330 Datasheet HTML 22Page - STMicroelectronics STA330 Datasheet HTML 23Page - STMicroelectronics STA330 Datasheet HTML 24Page - STMicroelectronics STA330 Datasheet HTML 25Page - STMicroelectronics STA330 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
Analog-digital converter (ADC)
STA330
22/55
7.1.2
High-pass filter characteristics
7.1.3
Programmable gain amplifier
The programmable gain amplifier (PGA) is available in mic-in mode only. It is possible to
amplify the input signal from 0 to 42 db in steps of 6 db. The setting is done through bits
PGA of register ADCCFG on page 47.
See Table 7 on page 10 for performance values.
7.2
Application scheme
Figure 9 shows the filter circuit.
Figure 9.
Block diagram
Table 13.
High-pass filter characteristics
Parameter
Typical
Frequency response:
-3 dB
-0.08 dB
7 Hz
50 Hz
Phase deviation at 20 Hz
19.35°
Pass-band ripple
0.08 dB
AC coupled
DC coupled
DC coupled
AC coupled
C9
C0
C5
C6
C7
C8
3-V, 3-A supply
VSSA
VSSA
R1
INL
INR
AVDD
AGND
VHI
VLO
VCM
VBIAS
C5 = 1 µF
(low ESR and ESL
capacitors are
recommended)
The VSSA plane must
be a different plane to the
other ground planes
The 3-V, 3-A supply
must be low-noise
and separate from
the other supplies
R1 = 500
Ω
C8 = 10 µF
C9, C0 = 1 µF (low ESR)
C6, C7 = 10 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com