Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM139 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM139
Description  LOWPOWER QUAD VOLTAGE COMPARATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM139 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM139 Datasheet HTML 2Page - STMicroelectronics LM139 Datasheet HTML 3Page - STMicroelectronics LM139 Datasheet HTML 4Page - STMicroelectronics LM139 Datasheet HTML 5Page - STMicroelectronics LM139 Datasheet HTML 6Page - STMicroelectronics LM139 Datasheet HTML 7Page - STMicroelectronics LM139 Datasheet HTML 8Page - STMicroelectronics LM139 Datasheet HTML 9Page - STMicroelectronics LM139 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LM139,A-LM239,A-LM339,A
6/10
TYPICAL SINGLE (continued)
TIME DEALY GENERATOR
LOW FREQUANCY OP AMP WITH OFFSET
ADJUST
ZERO CROSSING DETECTOR (single power
supply)
VCC
O
A
0 tt
V(ref.)
10kΩ
1/4
10kΩ
15kΩ
200kΩ
3kΩ
10MΩ
3kΩ
3kΩ
10kΩ
10MΩ
10kΩ
V
O2
V
O3
10MΩ
10kΩ
O1
V
51kΩ
51kΩ
V1
V2
51kΩ
0.001µF
V
C1
V3
INPUT GATING SIGNAL
VCC
V
C1
V1
V2
V3
0
0 1
t t
3
t
4
t
2
t
t
VCC
t0 t1
VCC
t0
t2
VCC
t0
t3
VC C =+15V
1/4
LM139
1/4
1/4
LM139
LM139
LM139
e I ~
2N 2222
5V
eo
R1
100k
Ω
1k
Ω
5V
1M
Ω
100k
Ω
1M
Ω
Offset Adjust
Rs
RI
15k
Ω
0.5
µF
R2
1/4
LM139
100k
Ω
10k
Ω
eI
20M
Ω
5V
5.1k
Ω
1N4148
5.1k
Ω
5.1k
Ω
100k
Ω
1/4
LM139



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com