Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM337
Description  THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM337 Datasheet(HTML) 1 Page - STMicroelectronics

  LM337 Datasheet HTML 1Page - STMicroelectronics LM337 Datasheet HTML 2Page - STMicroelectronics LM337 Datasheet HTML 3Page - STMicroelectronics LM337 Datasheet HTML 4Page - STMicroelectronics LM337 Datasheet HTML 5Page - STMicroelectronics LM337 Datasheet HTML 6Page - STMicroelectronics LM337 Datasheet HTML 7Page - STMicroelectronics LM337 Datasheet HTML 8Page - STMicroelectronics LM337 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM137/LM237
LM337
March 1993
NEGATIVE VOLTAGE REGULATORS
THREE-TERMINAL ADJUSTABLE
.
OUTPUT VOLTAGE ADJUSTABLE DOWN TO
Vref
.
1.5A GUARANTEED OUTPUT CURRENT
.
0.3%/V TYPICAL LOAD REGULATION
.
0.01%/V TYPICAL LINE REGULATION
.
CURRENT LIMIT CONSTANT WITH TEM-
PERATURE
.
RIPPLE REJECTION : 77dB
.
STANDARD 3-LEAD TRANSISTOR PACK-
AGES
.
EXCELLENT
THERMAL
REGULATION:
0.002%/V
.
50ppm/
°C TEMPERATURE COEFFICIENT
DESCRIPTION
The LM137 series are adjustable 3-terminal nega-
tive voltage regulators capable of supplying in ex-
cess - 1.5A over a - 1.2 to - 37V output voltage range.
They are exceptionally easy to use and require only
two external resistors to set the output voltage. Fur-
ther, both line and load regulation are better than
standard fixed regulators. Also, LM137 regulators
are supplied in standard transistor packages which
are easily mounted and handled. In addition to
higher performance than fixed regulators, the
LM137 series offer full overload protection available
only in integrated circuits. Included on the chip are
current limit, thermal overload protection and safe
area protection. All overload protection circuitry re-
mains fully functional even if the adjustment terminal
is disconnected.
TO-3
PIN CONNECTIONS
1 - Output
2 - Adj
Case is input
1 - Adj
2 - Output
3 - Input
Heatsink surface connected to input
TO-220
TO-3
(bottom view)
TO-39
(bottom view)
TO-220
(front view)
1 - Adj
2 - Output
3 - input
TO-39
1/14


Similar Part No. - LM337

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM337 TI-LM337 Datasheet
273Kb / 10P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Seme LAB
LM337 SEME-LAB-LM337 Datasheet
43Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM337 FAIRCHILD-LM337 Datasheet
37Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
133Kb / 10P
1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
More results

Similar Description - LM337

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA79L05F TOSHIBA-TA79L05F_06 Datasheet
494Kb / 16P
Three-Terminal Negative Voltage Regulators
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
Three-Terminal Negative Voltage Regulators
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137_08 Datasheet
1,005Kb / 18P
Three-terminal adjustable negative voltage regulators
17-Jul-2008
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
Three-Terminal Negative Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com