Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0959/P/PC Datasheet(PDF) 3 Page - Bulgin Limited. All rights reserved.

Part # PX0959/P/PC
Description  General Purpose Connectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0959/P/PC Datasheet(HTML) 3 Page - Bulgin Limited. All rights reserved.

  PX0959/P/PC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0959/P/PC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0959/P/PC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0959/P/PC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0959/P/PC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0959/P/PC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PX0959/P/PC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PX0959/P/PC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PX0959/P/PC Datasheet HTML 9Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.bulgin.co.uk
145
GENERAL PURPOSE CONNECTORS
PX0956/S
8 Poles
Mates with PX0551,
PX0959/P and PX0959/P/PC
Screw/Solder Terminals
6A, 250V a.c. (per Pin)
Specification
PX0956/S
PX0957/S
Terminations:
Screw/Solder Terminals
4.8 Tab/Solder Tag
Max. Rating:
6A, 250V a.c.
6A, 250V a.c.
Contact Resistance:
<10m
Ω
<10m
Ω
Insulation Resistance:
>108 M
Ω @ 500V d.c.
>108 M
Ω @ 500V d.c.
A.C. Breakdown:
Pole-Pole 5.5kV
Pole-Pole 5.5kV
Poles-Exterior Parts 5kV
Poles-Exterior Parts/Panel 6.4kV
Operating Temp. Range:
–20˚C to +70˚C
–20˚C to +70˚C
Mouldings:
Glass Filled Nylon (black)
Glass Filled Nylon (black)
Flammability Rating:
UL94 HB
UL94 HB
Contacts:
Brass, Tin Plated
Brass, Tin Plated
Mates With:
PX0551, PX0959/P, PX0959/P/PC
PX0551, PX0959/P, PX0959/P/PC
Compliant
Compliant
Flex Mount and Panel Mount Sockets
PX0957/S
8 Poles
Mates with PX0551,
PX0959/P and PX0959/P/PC
4.8mm Tabs/Solder
6A, 250V a.c. (per Pin)
FLEX MOUNT FEMALE CIRCULAR CONNECTOR
PANEL MOUNT FEMALE CIRCULAR OUTLET
RoHS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com