Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXM6034/B Datasheet(PDF) 5 Page - Bulgin Limited. All rights reserved.

Part # PXM6034/B
Description  6000 Series - Ethernet Buccaneer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXM6034/B Datasheet(HTML) 5 Page - Bulgin Limited. All rights reserved.

  PXM6034/B Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXM6034/B Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXM6034/B Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXM6034/B Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXM6034/B Datasheet HTML 5Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
114 Buccaneer for Data
Mechanical
Sealing
Salt Mist:
Operating Temperature
Re-wireable and Metal
Overmoulded patchcords
Materials - Overmoulded
Overmould material
Flammability rating
Plastic
Metal
Flammability rating
‘O’ rings
Panel Gasket - round
Panel Gasket - flange
Approvals
RoHS
Conductors
Insulation
Pair
Core
Tape
Screen
Sheath
Op Temperature
Min. bend radius
Min. bend radius
Diameter
Electrical @ 20°C
Characteristic
Impedance
Capacitance
Conductor Loop
resistance
Skew
TIA/EIA Rating
24AWG (7/0.2mm) bare copper
HD-PE
2 of the above cores twisted
4 of the above cores
1 lap mylar tape
1 layer mylar and aluminium tape,
0.12mm tinned copper braid
PUR Jacket Black
–25°C to +85°C
10 x O/D (installation)
6 x O/D (installed)
6.1mm nominal
100Ω ±15Ω @ 100MHz
330pF/km
29Ω/100m maximum
45 nsec/100m @ 100MHz
Cat 5e & POE
Polyurethane (PUR) jacket cable with internal construction
exceeding Cat 5e performance levels. The PUR jacket has excellent
abrasion, chemical and ozone resistance, low smoke, low halogen
flame retardant construction suitable for internal and external
industrial environments.
Metal and Thermo Plastic - Specifications
BUCCANEER FOR DATA
6000 Series - Ethernet Buccaneer
Connectors
Ethernet – Metal and Thermo-plastic versions
IP69K, DIN40050-9
IP68, EN60529:1992+A2:2013
(10m depth for 2 weeks)
IP66, EN60529:1992+A2:2013
EN60068-2-52 Test Kb Salt Mist
(Cyclic) Marine Severity Level 1
–20°C to +70°C
0°C to +70°C
PVC (black)
UL94V-0
PC/PBT
Machined Brass, Nickel Plated
UL94V-0
Silicone
Silicone
Silicone
Compliant
PCB adaptor leads
Cable construction - PXP6040, PXP6041
Electrical
No. of conductors
Current rating
Voltage rating
Contact resistance
PCB pitch
Materials
Moulding
Flammability
Contact material
Contact plating
Wire insulation
Flammability
Conductors
Operating temperature
Mating cycles
RoHS
4
350mA
37V - 57V
<10mΩ max.
2.54mm
Polycarbonate
UL94V-0
Copper Alloy
30 micro inch Gold
PVC (black)
UL94-V0
4 x 28AWG
0°C to +70°C
1,000
Compliant
Materials - Re-wireable and Panel Connectors
Stranded S-FTP Patch cord cable - PUR Jacket
Cable construction - PXP6037, PXP6038 and 14199
Cable
24 AWG -
7/0.20mm conductor
Mylar tape
Braiding
7/0.12mm
Insulation - HD-PE
Aluminium/PEPT tape
Jacket
6.10mm dia.
Drain Wire



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com