Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1G3234 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST1G3234
Description  1-bit dual supply bus buffer level translator with A-side series resistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1G3234 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST1G3234 Datasheet HTML 6Page - STMicroelectronics ST1G3234 Datasheet HTML 7Page - STMicroelectronics ST1G3234 Datasheet HTML 8Page - STMicroelectronics ST1G3234 Datasheet HTML 9Page - STMicroelectronics ST1G3234 Datasheet HTML 10Page - STMicroelectronics ST1G3234 Datasheet HTML 11Page - STMicroelectronics ST1G3234 Datasheet HTML 12Page - STMicroelectronics ST1G3234 Datasheet HTML 13Page - STMicroelectronics ST1G3234 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Waveforms
ST1G3234
10/15
6
Waveforms
Figure 5.
Waveform - propagation delay (f = 1MHz; 50% duty cycle)
Table 9. Waveform symbol value
Symbol
VCC
3.0 to 3.6V
2.3 to 2.7V
1.65 to 1.95V
VIH
VCC
VCC
VCC
VM
1.5V
VCC/2
VCC/2
VX
VOL +0.3V
VOL +0.15V
VOL +0.15V
VY
VOL -0.3V
VOL -0.15V
VOL -0.15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com