Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCSI Datasheet(PDF) 3 Page - Amphenol Communications Solutions

Part # SCSI
Description  Serial-Attached SCSI/Peripheral Component Interconnect Express (SAS/PCIe) 3.0
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

SCSI Datasheet(HTML) 3 Page - Amphenol Communications Solutions

  SCSI Datasheet HTML 1Page - Amphenol Communications Solutions SCSI Datasheet HTML 2Page - Amphenol Communications Solutions SCSI Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For more information,
please contact: Marketing@fci.com
or visit us at www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
Serial-Attached SCSI/Peripheral Component
Interconnect Express (SAS/PCIe) 3.0
PART NUMBERS
12G SAS/PCIe Receptacle
Performance
Orientation
Termination Type
Retainers
Locator Post
Height (mm)
Mount Type
Std/Reverse
Others
12Gb/s
Vertical
SMT
SMT
Yes
8.15
Top mount
Standard
-
12Gb/s
Vertical
SMT
DIP
Yes
8.15
Top mount
Standard
-
12Gb/s
Vertical
SMT
Harpoon
Yes
8.15
Top mount
Standard
-
12Gb/s
Vertical
SMT
SMT
Yes
14.15
Top mount
Standard
-
12Gb/s
Vertical
SMT
SMT
Yes
8.15
Top mount
Standard
85ohm
12Gb/s
Right angle
Hybrid
DIP
Yes
1.75
Sink type
Standard
-
12Gb/s
Right angle
SMT
SMT
No
2.85
Top mount
Standard
-
12Gb/s
Right angle
SMT
DIP
Yes
2.85
Top mount
Standard
85ohm
12Gb/s
Right angle
SMT
Harpoon
Yes
2.85
Top mount
Standard
-
12Gb/s
Right angle
SMT
DIP
Yes
2.85
Top mount
Reverse
-
12Gb/s
Right angle
SMT
SMT
Yes
7.07
Top mount
Standard
-
12G SAS/PCIe Header
Performance
Orientation
Termination Type
Retainers
Locator Post
Height (mm)
Mount Type
Std/Reverse
Others
12Gb/s
Vertical
SMT
SMT
Yes
8.35
Top mount
Standard
-
12Gb/s
Vertical
SMT
SMT
Yes
7.00
Top mount
Standard
-
12Gb/s
Right angle
SMT
SMT
Yes
2.55
Sink type
Standard
-
12Gb/s
Right angle
SMT
SMT
Yes
2.80
Sink type
Standard
-
12Gb/s
Right angle
SMT
SMT
Yes
4.00
Sink type
Standard
-
12Gb/s
Right angle
SMT
SMT
Yes
4.30
Sink type
Standard
-
12Gb/s
Right angle
SMT
Harpoon
No
5.30
Top mount
Standard
-
12Gb/s
Right angle
SMT
-
-
0.45
Straddle mount
Standard
with SIO pin
12Gb/s
Right angle
SMT
-
-
0.08
Straddle mount
Standard
-
12Gb/s
Right angle
SMT
Harpoon
No
4.90
Top mount
Standard
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com