Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM338 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM338
Description  THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM338 Datasheet(HTML) 3 Page - STMicroelectronics

  LM338 Datasheet HTML 1Page - STMicroelectronics LM338 Datasheet HTML 2Page - STMicroelectronics LM338 Datasheet HTML 3Page - STMicroelectronics LM338 Datasheet HTML 4Page - STMicroelectronics LM338 Datasheet HTML 5Page - STMicroelectronics LM338 Datasheet HTML 6Page - STMicroelectronics LM338 Datasheet HTML 7Page - STMicroelectronics LM338 Datasheet HTML 8Page - STMicroelectronics LM338 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS
LM138: -55
≤ Tj ≤ 150 oC, VI -VO = 5V, IO =2.5A
LM238: -25
≤ Tj ≤ 150 oC, VI -VO = 5V, IO =2.5A
LM338: 0
≤ Tj ≤ 150 oC, VI -VO = 5V, IO = 2.5A
Although power dissipation is internally limited, these specifications apply to power dissipation up to
50W (unless otherwise specified).
Symbol
Parameter
LM138-LM238
LM338
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
KVI
Line Regulation - (note 1)
Tamb =25
oC, 3 V
≤ (VI -VO) ≤ 35 V
0.005
0.01
0.005
0.03
%/V
KVO
Load Regulation Tamb =25
oC, 10 mA ≤ IO ≤ 5A
VO
≤ 5V - (note 1)
VO
≥ 5V - (note 1)
5
0.1
15
0.3
5
0.1
25
0.5
mV
%
Thermal Regulation (pulse = 20 ms)
0.002
0.01
0.002
0.02
%/W
Iadj
Adjustment Pin Current
45
100
45
100
µA
∆Iadj
Adjustment Pin Current Change
10 mA
≤ IL ≤ 5A, 3 V ≤ (VI -VO) ≤ 35 V
0.2
5
0.2
5
µA
v(ref)
Reference Voltage
3V
≤ (VI -VO) ≤ 35 V, 10 mA ≤ IO ≤ 5A, P ≤ 50W
1.19
1.24
1.29
1.19
1.24
1.29
V
KVI
Line Regulation - (note 1)
3V
≤ (VI -VO) ≤ 35 V
0.02
0.04
0.02
0.06
%/V
KVO
Load Regulation 10 mA
≤ IO ≤ 5A
VO
≤ 5V - (note 1)
VO
≥ 5V - (note 1)
20
0.3
30
0.6
20
0.3
50
1
mV
%
KVT
Temperature Stability (Tmin
≤ Tj ≤ Tmax)1
1
%
IO(min)
Minimum Load Current (VI -VO
≤ 35 V)
3.5
5
3.5
10
mA
IO(max)
Current Limit (VI -VO
≤ 10 V)
DC
0.5 ms Peak
VI -VO =30 V
5
7
8
12
1
5
7
8
12
1
A
RMS Output Noise, % of VO
(Tamb =25
oC, 10 Hz ≤ f ≤ 10 KHz)
0.003
0.003
%
Rvf
Ripple Rejection Ratio
VO = 10 V, f = 120 Hz
Cadi =10
µF60
60
75
60
60
75
dB
KVH
Long Term Stability (Tamb = 125
oC)
0.3
1
0.3
1
%
Note 1 : Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects are taken
into account separately by thermal rejection.
LM138-LM238-LM338
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com