Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXM6034/A. Datasheet(PDF) 2 Page - Bulgin Limited. All rights reserved.

Part # PXM6034/A.
Description  6000 Series - Ethernet Buccaneer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXM6034/A. Datasheet(HTML) 2 Page - Bulgin Limited. All rights reserved.

  PXM6034/A. Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXM6034/A. Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXM6034/A. Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXM6034/A. Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXM6034/A. Datasheet HTML 5Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Buccaneer for Data 111
– Metal version
BUCCANEER FOR DATA
6000 Series - Ethernet Buccaneer
Re-wireable Flex Connector
Front Panel Mounting Connector
PXM6034
PXM6033
Mates with PXM6033TP type
panel mounting connectors
30° twist locking
Supplied with shielded RJ45
plug
Two versions:
for PUR jacket cable (Cat 5e)
for other cable sizes from
4.0 to 10.0mm dia.
Sealed through panel
Cat 5e shielded coupler
Mates with PXM6034 type flex
connectors
Standard RJ45 patchcord can
be plugged into rear
Connector shell ground to cable
screen
Single hole fixing
Complete with panel sealing gasket
PXM6034/A
PXM6034/B
PXM6033TP
Cat 5e coupler
Cable glands optimised for PUR jacket cable to maintain Cat 5e performance
Suitable for use with cables from 4.0 to 10.0mm diameter
Front panel mounted - sealed through panel
Part no
Part no
Description
Description
Fixing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com