Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNRCM-250 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SNRCM-250
Description  Complete, full-featured tool kits for ZigBee® based networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SNRCM-250 Datasheet(HTML) 2 Page - STMicroelectronics

  SNRCM-250 Datasheet HTML 1Page - STMicroelectronics SNRCM-250 Datasheet HTML 2Page - STMicroelectronics SNRCM-250 Datasheet HTML 3Page - STMicroelectronics SNRCM-250 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Description
SNxxx-250, SNISDxxx, SNRCM-250, SNXIDE-250, SNINSAD-2X
2/4
1
Description
Based on the proven tool solution for Ember's EM250 and EM260 wireless networking
devices, the SN250 Development and SN250 Professional Kits provide a complete
hardware/software development environment and network system (3 or 8 nodes depending
on the kit ordered) that uses the SN250 and the EmberZnet™ ZigBee® advanced wireless
protocol stack.
For interface between the host PC during debugging and programming, the kits include
InSight Adapters (3 or 8 depending on the kit ordered) with a 10-pin Insight connection to
SN250 modules and an Ethernet switch for connection of multiple adapters to a host PC.
The kits facilitate application development with sample applications and a complete software
tool set that includes Ember's InSight Desktop with Network Traffic Analyzer to display
network and node activity in real time, as well as the xIDE development environment with C
compiler for application building and debugging. InSight Desktop is delivered in two editions:
●
InSight Desktop Development (SNISDDEV) edition which is included in the SN-250
Development kits, supports up to 3 nodes and 10,000 radio events and includes a 6-
month support and maintenance agreement
●
InSight Desktop Professional (SNISDPRO) edition which is included in the SN-250
Professional kits, supports up an unlimited number of nodes and radio events and
includes a 1-year support and maintenance agreement and a 2-day training for one
person
In addition, developers using InSight Desktop Professional or the SN-250 Professional Kit
benefit from Ember's hands-on ZigBee® training that includes the following topics and
workshops:
●
Network topologies and characteristics
●
Common messaging models
●
Commissioning strategies
●
Application structure and stack integration
●
Network efficiency
●
Tool set use
●
Fundamental messaging types
●
Sensor network applications
●
Distributed control applications
●
Power management



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com