Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAA01DM24. Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DAA01DM24.
Description  Timers Delay on Operate Type DAA01, PAA01
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DAA01DM24. Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DAA01DM24. Datasheet HTML 1Page - List of Unclassifed Manufacturers DAA01DM24. Datasheet HTML 2Page - List of Unclassifed Manufacturers DAA01DM24. Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice (14.03.07)
1
Product Description
Ordering Key
Delay on Operate
Multi-voltage delay on oper-
ate timer with 7 selectable
time ranges within 0.1 s and
100 h. For mounting on DIN-
rail
(DAA01)
or
plug-in
(PAA01).
• Time range 0.1 s to 100 h
• Knob selection of time range
• Knob adjustable time setting
• Automatic start
• Repeatability:
≤ 0.2%
• Output: 8 A SPDT or 2 x 8 A SPDT relays
• For mounting on DIN-rail in accordance with DIN/EN
50 022 or Plug-in
• 22.5 Euronorm or 36 mm plug-in module housing
• Combined AC and DC power supply
• LED indication for relay status and power supply ON
Output
1 or 2 x SPDT relays
Rated insulation voltage
250 VAC (rms)
Contact Ratings (AgSnO2)µ
Resistive loads
AC 1
8 A @ 250 VAC
DC 12
5 A @ 24 VDC
Small inductive loads AC 15
2.5 A @ 250 VAC
DC 13
2.5 A @ 24 VDC
Mechanical life
≥ 30 x 106 operations
Electrical life
≥ 105 operations
(at 8 A, 250 V, cos
ϕ = 1)
Operating frequency
< 7200 operations/h
Dielectric strength
Dielectric voltage
2 kVAC (rms)
Rated impulse withstand
voltage
4 kV (1.2/50 µs)
Output Specifications
Type Selection
DAA 01 C M24
Housing
Function
Type
Item number
Output
Power supply
Mounting
Output
Housing
Supply: 24 VDC and 24 to 240 VAC
Supply: 24 to 240 VAC/DC
DIN-rail
1 x SPDT
D-Housing
DAA01CM24
2 x SPDT
DAA01DM24
Plug-in
1 x SPDT
P-Housing
PAA01CM24
2 x SPDT
PAA01DM24
Time Specifications
Time ranges
Knob selectable
0.1 to 1 s
1
to 10 s
6
to 60 s
60 to 600 s
0.1 to 1 h
1
to 10 h
10 to 100 h
Setting accuracy
≤ 5%
Repeatability
≤ 0.2%
Time variation
Within rated power supply
≤ 0.05%/V
Within ambient temperature
≤ 0.2%/°C
Reset
Power supply interruption
≥ 200 ms
Type DAA01, PAA01
Timers
DAA01
PAA01
Power supply
Overvoltage cat. III
Rated operational voltage
(IEC 60664, IEC 60038)
through terminals:
(DAA01C)
A1, A2 or
24 VDC ± 15% and
(PAA01C)
2, 10
24 to 240 VAC + 10% -15%,
45 to 65 Hz
(DAA01D)
A1, A2 or
24 to 240 VAC/DC
(PAA01D)
2, 10
+ 10% - 15%,
45 to 65 Hz
Supply Specifications
Voltage interruption
≤ 10 ms
Rated operational power
AC supply
4 VA
DC supply
1.5 W


Similar Part No. - DAA01DM24.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DAA01DM24 ETC2-DAA01DM24 Datasheet
68Kb / 3P
Timers Delay on Operate
More results

Similar Description - DAA01DM24.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A108024600 ETC2-A108024600 Datasheet
72Kb / 3P
Timers Delay on Operate
DAA01CM24 ETC2-DAA01CM24 Datasheet
68Kb / 3P
Timers Delay on Operate
EAACT2310H ETC2-EAACT2310H Datasheet
49Kb / 2P
Timers Delay on Operate
EASSM2310M ETC2-EASSM2310M Datasheet
62Kb / 2P
Timers Delay on Operate
FAA01DM24 ETC2-FAA01DM24 Datasheet
71Kb / 3P
Timers Delay on Operate
DAA51CM24 ETC2-DAA51CM24 Datasheet
90Kb / 2P
Timers Delay on Operate
logo
Carlo Gavazzi Holding A...
DAA51 CARLOGAVAZZI-DAA51 Datasheet
90Kb / 2P
Timers Delay on Operate
EAS CARLOGAVAZZI-EAS Datasheet
110Kb / 2P
Timers Delay on Operate Type EAS
FAA01 CARLOGAVAZZI-FAA01 Datasheet
225Kb / 4P
Timers Delay on Operate Types FAA01, FAA08
HAA08DM24 CARLOGAVAZZI-HAA08DM24 Datasheet
159Kb / 3P
Timers Delay on Operate Types HAA08, HAA14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com