Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AVC4T774 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVC4T774
Description  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC4T774 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AVC4T774 Datasheet HTML 3Page - Texas Instruments SN74AVC4T774 Datasheet HTML 4Page - Texas Instruments SN74AVC4T774 Datasheet HTML 5Page - Texas Instruments SN74AVC4T774 Datasheet HTML 6Page - Texas Instruments SN74AVC4T774 Datasheet HTML 7Page - Texas Instruments SN74AVC4T774 Datasheet HTML 8Page - Texas Instruments SN74AVC4T774 Datasheet HTML 9Page - Texas Instruments SN74AVC4T774 Datasheet HTML 10Page - Texas Instruments SN74AVC4T774 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
SN74AVC4T774
4-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES693A – FEBRUARY 2008 – REVISED FEBRUARY 2008
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (see Figure 2)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.8
0.1
4.1
0.1
3.6
0.1
3.1
0.1
3.3
A
B
ns
tPHL
2.8
0.1
4.1
0.1
3.6
0.1
3.1
0.1
3.3
tPLH
2.6
0.4
4.3
0.1
4.1
0.1
3.8
0.1
3.7
B
A
ns
tPHL
2.6
0.4
4.3
0.1
4.1
0.1
3.8
0.1
3.7
tPZH
5
0.8
6.7
0.6
5.8
0.4
4.8
0.3
4.6
OE
A
ns
tPZL
5
0.8
6.7
0.6
5.8
0.4
4.8
0.3
4.6
tPZH
3.3
0.2
6.7
0.2
6.6
0.2
6.7
0.2
6.7
OE
B
ns
tPZL
3.3
0.2
6.7
0.2
6.6
0.2
6.7
0.2
6.7
tPHZ
3.4
0.7
4.7
0.3
5.1
0.1
4.5
0.8
5
OE
A
ns
tPLZ
3.4
0.7
4.7
0.3
5.1
0.1
4.5
0.8
5
tPHZ
2.9
0.1
5.7
0.1
5.8
0.1
5.8
0.1
5.8
OE
B
ns
tPLZ
2.9
0.1
5.7
0.1
5.8
0.1
5.8
0.1
5.8
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (see Figure 2)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.6
0.1
3.8
0.1
3.2
0.1
2.7
0.1
2.6
A
B
ns
tPHL
2.6
0.1
3.8
0.1
3.2
0.1
2.7
0.1
2.6
tPLH
2.5
0.5
3.4
0.2
3.1
0.1
2.8
0.1
2.6
B
A
ns
tPHL
2.5
0.5
3.4
0.2
3.1
0.1
2.8
0.1
2.6
tPZH
4.7
0.7
6.2
0.5
5.2
0.3
4.1
0.3
3.6
OE
A
ns
tPZL
4.7
0.7
6.2
0.5
5.2
0.3
4.1
0.3
3.6
tPZH
2.3
0.4
4.5
0.4
4.5
0.4
4.5
0.4
4.5
OE
B
ns
tPZL
2.3
0.4
4.5
0.4
4.5
0.4
4.5
0.4
4.5
tPHZ
3
0.2
4.3
0.1
4.9
0.1
4
0.7
4.3
OE
A
ns
tPLZ
3
0.2
4.3
0.1
4.9
0.1
4
0.7
4.3
tPHZ
1.9
01
4.7
0.1
4.6
0.1
4.7
0.1
4.7
OE
B
ns
tPLZ
1.9
01
4.7
0.1
4.6
0.1
4.7
0.1
4.7
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN74AVC4T774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com