Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM258 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LM258
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM258 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LM258 Datasheet HTML 4Page - STMicroelectronics LM258 Datasheet HTML 5Page - STMicroelectronics LM258 Datasheet HTML 6Page - STMicroelectronics LM258 Datasheet HTML 7Page - STMicroelectronics LM258 Datasheet HTML 8Page - STMicroelectronics LM258 Datasheet HTML 9Page - STMicroelectronics LM258 Datasheet HTML 10Page - STMicroelectronics LM258 Datasheet HTML 11Page - STMicroelectronics LM258 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LM158,A-LM258,A-LM358,A
10/12
PACKAGE MECHANICAL DATA
8 PINS - PLASTIC MICROPACKAGE ( miniSO )
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.100
0.043
A1
0.050
0.100
0.150
0.002
0.004
0.006
A2
0.780
0.860
0.940
0.031
0.034
0.037
b
0.250
0.330
0.400
0.010
0.013
0.016
c
0.130
0.180
0.230
0.005
0.007
0.009
D
2.900
3.000
3.100
0.114
0.118
0.122
E
4.750
4.900
5.050
0.187
0.193
0.199
E1
2.900
3.000
3.100
0.114
0.118
0.122
e
0.650
0.026
L
0.400
0.550
0.700
0.016
0.022
0.028
L1
0.950
0.037
k
0d3d6d
0d3d
6d
ccc
0.100
0.004
0,25 mm
.010 inch
GAGE PLANE
E
A
A2
A1
k
c
1
4
8
5
PIN 1 IDENTIFICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com