Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8113 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS8113
Description  Smart Card Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8113 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS8113 Datasheet HTML 1Page - Maxim Integrated Products DS8113 Datasheet HTML 2Page - Maxim Integrated Products DS8113 Datasheet HTML 3Page - Maxim Integrated Products DS8113 Datasheet HTML 4Page - Maxim Integrated Products DS8113 Datasheet HTML 5Page - Maxim Integrated Products DS8113 Datasheet HTML 6Page - Maxim Integrated Products DS8113 Datasheet HTML 7Page - Maxim Integrated Products DS8113 Datasheet HTML 8Page - Maxim Integrated Products DS8113 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Smart Card Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(VDD = +3.3V, VDDA = +5.0V, TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VDD Relative to GND...............-0.5V to +6.5V
Voltage Range on VDDA Relative to PGND ..........-0.5V to +6.5V
Voltage Range on CP1, CP2, and VUP
Relative to PGND...............................................-0.5V to +7.5V
Voltage Range on All Other Pins
Relative to GND......................................-0.5V to (VDD + 0.5V)
Maximum Junction Temperature .....................................+125°C
Maximum Power Dissipation (TA = -25°C to +85°C) .......700mW
Storage Temperature Range .............................-55°C to +150°C
Soldering Temperature.........Refer to the IPC/JEDEC J-STD-020
Specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Digital Supply Voltage
VDD
2.7
6.0
V
Card Voltage-Generator Supply Voltage
VDDA
VDDA > VDD
5.0
6.0
V
VTH2
Threshold voltage (falling)
2.35
2.45
2.55
V
Reset Voltage Threshold s
VHYS2
Hysteresis
50.0
100
150
mV
CURRENT CONSUMPTION
Active VDD Current 5V Cards
(Including 80mA Draw from 5V Card)
IDD_50V
ICC = 80mA, fXTAL = 20MHz,
fCLK = 10MHz, VDDA = 5.0V
80.75
85.00
mA
Active VDD Current 5V Cards
(Current Consumed by DS8113 Only)
IDD_IC
ICC = 80mA, fXTAL = 20MHz,
fCLK = 10MHz, VDDA = 5.0V (Note 2)
0.75
5.00
mA
Active VDD Current 3V Cards
(Including 65mA Draw from 3V Card)
IDD_30V
ICC = 65mA, fXTAL = 20MHz,
fCLK = 10MHz, VDDA = 5.0V
65.75
70.00
mA
Active VDD Current 3V Cards
(Current Consumed by DS8113 Only)
IDD_IC
ICC = 65mA, fXTAL = 20MHz,
fCLK = 10MHz, VDDA = 5.0V (Note 2)
0.75
5.00
mA
Active VDD Current 1.8V Cards
(Including 30mA Draw from 1.8V Card)
IDD_18V
ICC = 30mA, fXTAL = 20MHz,
fCLK = 10MHz, VDDA = 5.0V
30.75
35.00
mA
Active VDD Current 1.8V Cards
(Current Consumed by DS8113 Only)
IDD_IC
ICC = 30mA, fXTAL = 20MHz,
fCLK = 10MHz, VDDA = 5.0V (Note 2)
0.75
5.00
mA
Inactive-Mode Current
IDD
Card inactive, active-high PRES,
DS8113 not in stop mode
50.0
200
µA
Stop-Mode Current
IDD_STOP
DS8113 in ultra-low-power stop
mode (CMDVCC, 5V/3V, and 1_8V
set to logic 1) (Note 3)
0.01
2.00
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com