Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDCIP2001-B Datasheet(PDF) 8 Page - International Rectifier

Part # IRDCIP2001-B
Description  IRDCiP2001-B, 500kHz, 60A, 3-phase Synchronous Buck Converter using iP2001
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDCIP2001-B Datasheet(HTML) 8 Page - International Rectifier

  IRDCIP2001-B Datasheet HTML 1Page - International Rectifier IRDCIP2001-B Datasheet HTML 2Page - International Rectifier IRDCIP2001-B Datasheet HTML 3Page - International Rectifier IRDCIP2001-B Datasheet HTML 4Page - International Rectifier IRDCIP2001-B Datasheet HTML 5Page - International Rectifier IRDCIP2001-B Datasheet HTML 6Page - International Rectifier IRDCIP2001-B Datasheet HTML 7Page - International Rectifier IRDCIP2001-B Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.irf.com
8
IRDCiP2001-B
Use of this design for any application should be fully verified by the customer. International
Rectifier cannot guarantee suitability for your applications, and is not liable for any result of
usage for such applications including, without limitation, personal or property damage or
violation of third party intellectual property rights.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Fig. 8 - V
DD Rise vs. Output Timing
Fig. 9 - Enable On vs. Output Timing
Ch 1: V
DD
Ch 3: V
OUT
Ch 2: PRDY
Ch 1: ENABLE
Ch 3: V
OUT
Ch 2: PRDY



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com