Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDP0905 Datasheet(PDF) 2 Page - Potens Semiconductor Corp.

Part # PDP0905
Description  100V P-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDP0905 Datasheet(HTML) 2 Page - Potens Semiconductor Corp.

  PDP0905 Datasheet HTML 1Page - Potens Semiconductor Corp. PDP0905 Datasheet HTML 2Page - Potens Semiconductor Corp. PDP0905 Datasheet HTML 3Page - Potens Semiconductor Corp. PDP0905 Datasheet HTML 4Page - Potens Semiconductor Corp. PDP0905 Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Potens semiconductor corp.
Ver.1.02
2
PDP0905
100V P-Channel MOSFETs
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-100
---
---
V
△BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=-1mA
---
---
---
V/℃
IDSS
Drain-Source Leakage Current
VDS=-100V , VGS=0V , TJ=25℃
---
---
-1
uA
VDS=-80V , VGS=0V , TJ=125℃
---
---
-10
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V , ID=-5A
---
170
210
m
VGS=-4.5V , ID=-2A
---
190
230
m
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-1
---
-3
V
gfs
Forward Transconductance
VDS=10V , ID=3A
---
7
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge3,4
VDS=-80V , VGS=-10V , ID=-5A
---
20
40
nC
Qgs
Gate-Source Charge3,4
---
3.5
7
Qgd
Gate-Drain Charge3,4
---
4.6
9
Td(on)
Turn-On Delay Time3,4
VDD=-50V , VGS=-10V , RG=25
ID=-5A
---
18
36
ns
Tr
Rise Time3,4
---
8
16
Td(off)
Turn-Off Delay Time3,4
---
100
200
Tf
Fall Time3,4
---
30
60
Ciss
Input Capacitance
VDS=-25V , VGS=0V , F=1MHz
---
1419
2500
pF
Coss
Output Capacitance
---
89
170
Crss
Reverse Transfer Capacitance
---
45
90
Rg
Gate resistance
VGS=0V, VDS=0V, F=1MHz
---
16
---
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
-10
A
ISM
Pulsed Source Current
---
---
-20
A
VSD
Diode Forward Voltage
VGS=0V , IS=-1A , TJ=25℃
---
---
-1
V
trr
Reverse Recovery Time2
VGS=0V,IS=-5A , dI/dt=100A/µs
TJ=25℃
---
26.6
---
ns
Qrr
Reverse Recovery Charge2
---
24.2
---
nC
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
VDD=25V,VGS=10V,L=0.1mH,IAS=-22A.,Starting TJ=25℃
3.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.
4.
Essentially independent of operating temperature.
Electrical Characteristics (T
J=25 ℃, unless otherwise noted)
Drain-Source Diode Characteristics and Maximum Ratings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com