Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDP0959 Datasheet(PDF) 5 Page - Potens Semiconductor Corp.

Part # PDP0959
Description  100V P-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDP0959 Datasheet(HTML) 5 Page - Potens Semiconductor Corp.

  PDP0959 Datasheet HTML 1Page - Potens Semiconductor Corp. PDP0959 Datasheet HTML 2Page - Potens Semiconductor Corp. PDP0959 Datasheet HTML 3Page - Potens Semiconductor Corp. PDP0959 Datasheet HTML 4Page - Potens Semiconductor Corp. PDP0959 Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Potens semiconductor corp.
Ver.1.01
5
PDP0959
100V P-Channel MOSFETs
Symbol
Dimensions In Millimeters
Dimensions In Inches
MAX
MIN
MAX
MIN
A
10.400
9.700
0.409
0.382
A1
8.900
7.400
0.350
0.291
A2
1.400
0.800
0.055
0.031
B
16.500
14.500
0.650
0.571
C
4.750
4.200
0.187
0.165
C1
1.500
1.100
0.059
0.043
D
1.000
0.600
0.039
0.024
E
4.000
3.300
0.157
0.130
E1
3.800
3.400
0.150
0.134
G
9.400
8.400
0.370
0.331
H
0.600
0.200
0.024
0.008
H1
6.850
6.200
0.270
0.244
K
2.850
2.100
0.112
0.083
L
14.000
12.500
0.551
0.492
L1
4.000
2.700
0.157
0.106
M
1.750
1.100
0.069
0.043
N
2.640
2.440
0.104
0.096
TO220 PACKAGE INFORMATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com