Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

58762750. Datasheet(PDF) 1 Page - Weller Tools

Part # 58762750.
Description  40¤60 Adapter for Easy Click 60 Extraction arms on 50 mm WFEMP50 power socket.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

58762750. Datasheet(HTML) 1 Page - Weller Tools

  58762750. Datasheet HTML 1Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product information
Adapter 40
⁄60
Code No. : T0058762750
40
⁄60 Adapter for Easy Click 60 Extraction arms on 50 mm WFEMP50
power socket.
Volume extraction
Larger areas can be covered
q
Low maintenance
q
Mobile
q
Quick & easy installation
q
Economic for 1 to 8 work places
q
Remote control
q
More suitable for applications involving, for example, solder baths, hot air
soldering, micro solders and gluing work.
Weller offers various mobile systems that purify the air up to a maximum of 8
workplaces.
Page 1 / 1


Similar Part No. - 58762750.

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5876 ALPHAWIRE-5876 Datasheet
69Kb / 3P
Customer Specification
5876 ALPHAWIRE-5876 Datasheet
98Kb / 4P
Customer Specification
2/21/2023
5876 ALPHAWIRE-5876_V01 Datasheet
98Kb / 4P
Customer Specification
2/21/2023
More results

Similar Description - 58762750.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN605 ETC1-MN605 Datasheet
157Kb / 1P
50/60 Hz Power Transformers
logo
TALEMA Group. LLC
ASM-010 TALEMA-ASM-010 Datasheet
47Kb / 1P
Current Sensor for 50/60 Hz
logo
Bothhand USA, LP.
EA1050A BOTHHAND-EA1050A Datasheet
42Kb / 2P
50~60 Watts Switching Adapter
EA1060A BOTHHAND-EA1060A Datasheet
40Kb / 2P
50~60 Watts Switching Adapter
logo
Delta Electronics, Inc.
AFB0612HC DELTA-AFB0612HC Datasheet
181Kb / 1P
60 x 60 x 13 MM SERIES
logo
List of Unclassifed Man...
AFB0612EHE ETC2-AFB0612EHE Datasheet
179Kb / 1P
60 x 60 x 38 MM SERIES
logo
Assmann Electronics Inc...
AWP-60-7241-T ASSMANN-AWP-60-7241-T Datasheet
73Kb / 1P
IDC Socket - 60 contact
logo
Artesyn Technologies
NPS42-M ARTESYN-NPS42-M Datasheet
644Kb / 3P
Total Power: 40 - 60 Watts
logo
Panasonic Semiconductor
EVQV0 PANASONIC-EVQV0 Datasheet
108Kb / 2P
60/40 mm Center Space Encoders
logo
Delta Electronics, Inc.
AFB0605LD DELTA-AFB0605LD Datasheet
389Kb / 2P
60 x 60 x 20 MM SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com