Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201 0375 Datasheet(PDF) 1 Page - RUKO GmbH Präzisionswerkzeuge

Part # 201 0375
Description  Twist drills DIN 338 type N HSS rolled
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUKO [RUKO GmbH Präzisionswerkzeuge]
Direct Link  https://ruko.de/en/
Logo RUKO - RUKO GmbH Präzisionswerkzeuge

201 0375 Datasheet(HTML) 1 Page - RUKO GmbH Präzisionswerkzeuge

  201 0375 Datasheet HTML 1Page - RUKO GmbH Präzisionswerkzeuge 201 0375 Datasheet HTML 2Page - RUKO GmbH Präzisionswerkzeuge  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.1
1.1
- 26 -
Twist drills
Twist drills DIN 338 type N HSS rolled
Point cut:
helical point
Point angle:
118°
Helix angle:
20-30°
Ø tolerance:
h8
Surface:
black, vacuum
metalized
Right-hand cutting
Applications: for steel and cast-steel alloyed
and unalloyed up to approx. 900 N/mm²
strength, grey cast, malleable cast iron, die-
cast metal, iron sinter, nickel-silver, graphite
cast iron, short-chipping aluminium alloys,
bronze and brass.
Highly efficient standard drill suitable for all
usual drilling work in all normal materials. High
security against fracture.
Packing unit:
Ø 0,30 mm up to 10,40 mm in plastic box of 10
Ø 10,50 mm up to 16,00 mm in plastic box of 5
Ø 16,50 mm up to 20,00 mm in plastic box of 1
Ø
mm
Total length
mm
Flute length
mm
Article no.
Price
each
€
0,30
19
3
201 003
0,40
20
5
201 004
0,50
22
6
201 005
0,60
24
7
201 006
0,70
28
9
201 007
0,80
30
10
201 008
0,90
32
11
201 009
1,00
34
12
201 010
1,10
36
14
201 011
1,20
38
16
201 012
1,25
38
16
201 0125
1,30
38
16
201 013
1,40
40
18
201 014
1,50
40
18
201 015
1,60
43
20
201 016
1,70
43
20
201 017
1,75
43
20
201 0175
1,80
46
22
201 018
1,90
46
22
201 019
2,00
49
24
201 020
2,10
49
24
201 021
2,20
53
27
201 022
2,25
53
27
201 0225
2,30
53
27
201 023
2,40
57
30
201 024
2,50
57
30
201 025
2,60
57
30
201 026
2,70
61
33
201 027
2,75
61
33
201 0275
2,80
61
33
201 028
2,90
61
33
201 029
3,00
61
33
201 030
3,10
65
36
201 031
3,20
65
36
201 032
3,25
65
36
201 0325
3,30
65
36
201 033
3,40
70
39
201 034
3,50
70
39
201 035
3,60
70
39
201 036
3,70
70
39
201 037
3,75
70
39
201 0375
3,80
75
43
201 038
3,90
75
43
201 039
4,00
75
43
201 040
4,10
75
43
201 041
4,20
75
43
201 042
4,25
75
43
201 0425
4,30
80
47
201 043
4,40
80
47
201 044
4,50
80
47
201 045
4,60
80
47
201 046
4,70
80
47
201 047
Ø
mm
Total length
mm
Flute length
mm
Article no.
Price
each
€
4,75
80
47
201 0475
4,80
86
52
201 048
4,90
86
52
201 049
5,00
86
52
201 050
5,10
86
52
201 051
5,20
86
52
201 052
5,25
86
52
201 0525
5,30
86
52
201 053
5,40
93
57
201 054
5,50
93
57
201 055
5,60
93
57
201 056
5,70
93
57
201 057
5,75
93
57
201 0575
5,80
93
57
201 058
5,90
93
57
201 059
6,00
93
57
201 060
6,10
101
63
201 061
6,20
101
63
201 062
6,25
101
63
201 0625
6,30
101
63
201 063
6,40
101
63
201 064
6,50
101
63
201 065
6,60
101
63
201 066
6,70
101
63
201 067
6,75
101
63
201 0675
6,80
109
69
201 068
6,90
109
69
201 069
7,00
109
69
201 070
7,10
109
69
201 071
7,20
109
69
201 072
7,25
109
69
201 0725
7,30
109
69
201 073
7,40
109
69
201 074
7,50
109
69
201 075
7,60
117
75
201 076
7,70
117
75
201 077
7,75
117
75
201 0775
7,80
117
75
201 078
7,90
117
75
201 079
8,00
117
75
201 080
8,10
117
75
201 081
8,20
117
75
201 082
8,25
117
75
201 0825
8,30
117
75
201 083
8,40
117
75
201 084
8,50
117
75
201 085
8,60
125
81
201 086
8,70
125
81
201 087
8,75
125
81
201 0875
8,80
125
81
201 088
8,90
125
81
201 089
9,00
125
81
201 090


Similar Part No. - 201 0375

ManufacturerPart #DatasheetDescription
logo
RUKO GmbH Präzisionswe...
201 140 RUKO-201 140 Datasheet
406Kb / 2P
Twist drills
201 145 RUKO-201 145 Datasheet
406Kb / 2P
Twist drills
201 150 RUKO-201 150 Datasheet
406Kb / 2P
Twist drills
201 155 RUKO-201 155 Datasheet
406Kb / 2P
Twist drills
201 160 RUKO-201 160 Datasheet
406Kb / 2P
Twist drills
More results

Similar Description - 201 0375

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1105150-1 MACOM-2-1105150-1 Datasheet
86Kb / 1P
PIN CONTACT SERIES HSS
2-1105151-1 MACOM-2-1105151-1 Datasheet
97Kb / 1P
SOCKET CONTACT SERIES HSS
2-1104200-3 MACOM-2-1104200-3 Datasheet
39Kb / 1P
Male insert HSS.8 Stifteinsatz HSS.8
2-1104202-3 MACOM-2-1104202-3 Datasheet
39Kb / 1P
Female insert HSS.8 Buchseneinsatz HSS.8
logo
List of Unclassifed Man...
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00469 ETC2-D00469 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
logo
Richco, Inc.
TL-1125 RICHCO-TL-1125 Datasheet
57Kb / 1P
TWIST - LOK
logo
Mechatronics, Inc.
MT1U-3-LPH99 MECHATRONICS-MT1U-3-LPH99 Datasheet
374Kb / 1P
Cold rolled steel tray with black finish
MT1U-3-LPH99L MECHATRONICS-MT1U-3-LPH99L Datasheet
374Kb / 1P
Cold rolled steel tray with black finish
logo
FIBOX Enclosing innovat...
8612004 FIBOX-8612004 Datasheet
38Kb / 1P
SS Twist Latch
18.07.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com