Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMPLA5030Q Datasheet(PDF) 2 Page - Abracon Corporation

Part # AMPLA5030Q
Description  AMPLA5030Q AUTOMOTIVE MOLDED INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMPLA5030Q Datasheet(HTML) 2 Page - Abracon Corporation

  AMPLA5030Q Datasheet HTML 1Page - Abracon Corporation AMPLA5030Q Datasheet HTML 2Page - Abracon Corporation AMPLA5030Q Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LLC
™
AMPLA5030Q AUTOMOTIVE MOLDED INDUCTOR
Revised 12/26/19
T
p
T
L
T
L
T
p
T
SMIN
T
SMAX
Ramp Up
Ramp Down
Critical Zone
T
L to Tp
2
3
1
Time
t 25˚C to Peak
25
Preheat
RECOMMENDED REFLOW PROFILE
ZONE
DESCRIPTION
TEMPERATURE
TIMES
1
Preheat
T
smin ~ Tsmax
150°C ~ 200°C
60 ~ 180 sec.
2
Reflow
T
L
217°C
60 ~ 150 sec.
3
Peak Heat
T
P
260°C
10 sec. MAX
LLC
™



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com