Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMPLA5030Q-R15NT Datasheet(PDF) 3 Page - Abracon Corporation

Part # AMPLA5030Q-R15NT
Description  AMPLA5030Q AUTOMOTIVE MOLDED INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMPLA5030Q-R15NT Datasheet(HTML) 3 Page - Abracon Corporation

  AMPLA5030Q-R15NT Datasheet HTML 1Page - Abracon Corporation AMPLA5030Q-R15NT Datasheet HTML 2Page - Abracon Corporation AMPLA5030Q-R15NT Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LLC
™
AMPLA5030Q AUTOMOTIVE MOLDED INDUCTOR
Revised 12/26/19
PACKAGING
TYPE
A
B
C
D
13” x 12 mm
12.4 +2/-0
100.0 ± 2.0
13.0 +0.5/-0.2
330.0
B
0
A
0
K
0
P
W
F
T
D
6.2 ± 0.1
5.5 ± 0.1
3.3 ± 0.1
8.0 ± 0.1
12.0 ± 0.3
5.5 ± 0.1
0.35 ± 0.05
1.5 ± 0.1
Tape and Reel:
2,000
Units per Carton:
16,000
T&R per Carton:
8
Weight per Carton: 12.5 kg
Weight per Unit:
0.46 g
Carton Dimensions: 410 x 325 x 415 mm
This product is commercial off-the-shelf (COTS) and not specifically designed for automotive, military, aviation, aerospace, implantable, life-dependent
medical or safety applications. This product is not recommended for use in any application requiring high reliability in which component failure could result
in loss of life and/or property damage without prior written approval from Abracon. Specifications are subject to change without notice. Contact Abracon for
more information.
Headquarters:
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
LLC
™
Dimensions: mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com