Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMPLA5030Q-R25MT Datasheet(PDF) 1 Page - Abracon Corporation

Part # AMPLA5030Q-R25MT
Description  AMPLA5030Q AUTOMOTIVE MOLDED INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMPLA5030Q-R25MT Datasheet(HTML) 1 Page - Abracon Corporation

  AMPLA5030Q-R25MT Datasheet HTML 1Page - Abracon Corporation AMPLA5030Q-R25MT Datasheet HTML 2Page - Abracon Corporation AMPLA5030Q-R25MT Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LLC
™
AMPLA5030Q AUTOMOTIVE MOLDED INDUCTOR
Revised 12/26/19
• AEC-Q200 Qualified
• Shielded construction
• Soft saturation
• High current density
• Designed for switching frequencies between
100KHz-2MHz
ELECTRICAL SPECIFICATIONS @ 25°C
PART NUMBER*
INDUCTANCE
(uH)
TOLERANCE
(%)
IRMS
(A)
ISAT
(A)
DC RESISTANCE
(mΩ)
TYPE
TYP
MAX
AMPLA5030Q-R15NT
0.15
30
18.0
30.0
2.3
2.7
Lead Frame
AMPLA5030Q-R20NT
0.20
30
16.0
25.0
2.6
3.2
Lead Frame
AMPLA5030Q-R25MT
0.25
20
15.0
20.0
3.7
4.1
Lead Frame
AMPLA5030Q-R33MT
0.33
20
14.0
18.0
4.3
5.0
Lead Frame
AMPLA5030Q-R47MT
0.47
20
12.0
16.0
6.4
7.4
Lead Frame
AMPLA5030Q-R56MT
0.56
20
10.0
15.0
8.0
10
Lead Frame
AMPLA5030Q-R68MT
0.68
20
8.5
14.0
10.0
12
Lead Frame
AMPLA5030Q-R82MT
0.82
20
8.0
12.5
11.5
13
Lead Frame
AMPLA5030Q-1R0MT
1.0
20
7.0
11.0
13
14
Lead Frame
AMPLA5030Q-1R2MT
1.2
20
6.5
11.0
14
16
Lead Frame
AMPLA5030Q-1R5MT
1.5
20
6.0
10.0
16
25
Lead Frame
AMPLA5030Q-2R2MT
2.2
20
5.5
9.0
25
35
Lead Frame
AMPLA5030Q-3R3MT
3.3
20
5.0
8.0
32
38
Lead Frame
AMPLA5030Q-4R7MT
4.7
20
4.6
6.0
50
53
Lead Frame
AMPLA5030Q-5R6MT
5.6
20
4.25
4.5
55
63
Lead Frame
AMPLA5030Q-6R8MT
6.8
20
4.0
4.3
68
76.2
Lead Frame
AMPLA5030Q-100MT
10.0
20
2.75
3.5
110
128
Lead Frame
AMPLA5030Q-150MT
15.0
20
2.1
2.6
165
190
Lead Frame
AMPLA5030Q-220MT
22.0
20
1.9
1.7
220
250
Lead Frame
Test Conditions
Inductance: 100 kHz, 1 V, 0 Adc
Humidity Range: 85 ± 2% RH
Temperature Rise Current: Current measured at ∆ T of 40°C
Saturation Current: Current measured at ∆ L of 30%
AMPLA5030Q
1R0
M
T
Series
Inductance*
Tol. 1
Packaging 2
1. Tolerance: M = 20%
2. Packaging: B = Bulk
N = 30%
T = Tape and Reel (2,000pcs/reel)
*Refer to Electrical Specification table
PART BUILDER
FEATURES
Operating Temperature:
-55°C to +125°C with (40°C rise) Irms
current.
Maximum Part Temperature: +125°C
Components Storage Temperature:
-55°C to +125°C
Tape and Reel Packaging
Temperature: -55°C to +80°C
MSL: Level 1
Not recommended for D.I. water
wash
GENERAL
SPECIFICATIONS
PRODUCT DIMENSIONS
MATERIALS
Core:
Carbonyl Powder
Wire:
Copper
Terminal: Tin Plating
Ink:
Black
Paint:
Gray
LLC
™
6.5
2.5
1.1 ± 0.3
Top View
Bottom View
Front View
Side View
RECOMMENDED LANDING PATTERN
Dimensions: mm
* Please refer to Part Identification section
5.7 ± 0.3
Check Inventory
Request Samples
AEC-Q200
QUALIFIED
ISO
9001:2015
CERTIFIED
ROHS
COMPLIANT
Pb


Similar Part No. - AMPLA5030Q-R25MT

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMPL-0510-UZ AIMTEC-AMPL-0510-UZ Datasheet
609Kb / 9P
Up to 50 Watt | DC-DC Converter
AMPL-0516-UZ AIMTEC-AMPL-0516-UZ Datasheet
595Kb / 9P
Up to 80 Watt | DC-DC Converter
AMPL-1210-UZ AIMTEC-AMPL-1210-UZ Datasheet
609Kb / 9P
Up to 50 Watt | DC-DC Converter
AMPL-1216-UZ AIMTEC-AMPL-1216-UZ Datasheet
595Kb / 9P
Up to 80 Watt | DC-DC Converter
AMPL-UZ10A AIMTEC-AMPL-UZ10A Datasheet
609Kb / 9P
Up to 50 Watt | DC-DC Converter
More results

Similar Description - AMPLA5030Q-R25MT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
9220-00-RC BOURNS-9220-00-RC Datasheet
211Kb / 1P
Molded Axial Inductor
9250A BOURNS-9250A Datasheet
248Kb / 2P
Molded Axial Inductor
logo
Pulse A Technitrol Comp...
PA5449.XXXNLT PULSE-PA5449.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
logo
Shenzhen Codaca Electro...
CSEB0430H CODACA-CSEB0430H Datasheet
917Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0550H CODACA-CSEB0550H Datasheet
827Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0630 CODACA-CSEB0630 Datasheet
1,008Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0730H CODACA-CSEB0730H Datasheet
828Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0770H CODACA-CSEB0770H Datasheet
795Kb / 7P
Molded Power Inductor
07/14/2020
CSEB1350 CODACA-CSEB1350 Datasheet
900Kb / 7P
Molded Power Inductor
07/14/2020
VSEB0850H CODACA-VSEB0850H Datasheet
859Kb / 7P
Molded Power Inductor
Revised: 07/14/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com