Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS322512ALM-R47MTAA Datasheet(PDF) 3 Page - TDK Electronics

Part # TMS322512ALM-R47MTAA
Description  Inductors for power circuits Thin-film metal magnetic material TMS-ALM series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TMS322512ALM-R47MTAA Datasheet(HTML) 3 Page - TDK Electronics

  TMS322512ALM-R47MTAA Datasheet HTML 1Page - TDK Electronics TMS322512ALM-R47MTAA Datasheet HTML 2Page - TDK Electronics TMS322512ALM-R47MTAA Datasheet HTML 3Page - TDK Electronics TMS322512ALM-R47MTAA Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(3/4)
inductor_commercial_power_tms322512alm_en.xml
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20230410
INDUCTORS
TMS322512ALM type
■ SHAPE & DIMENSIONS
■ RECOMMENDED LAND PATTERN
■ RECOMMENDED REFLOW PROFILE
■ PACKAGING STYLE
□ REEL DIMENSIONS
□ TAPE DIMENSIONS
□ PACKAGE QUANTITY
■ TEMPERATURE RANGE, INDIVIDUAL WEIGHT
* Operating temperature range includes self-temperature rise.
** The storage temperature range is for after the assembly.
0.60±0.30
0.60±0.30
3.20±0.20
0.8
2.0
0.8
Natural
cooling
10s max.
60 to 120s
Preheating
30 to 50s
Soldering
230°C
230°C
250 to 260°C
180°C
150°C
Time
Peak
Type
A
B
K
TMS322512ALM
2.8
3.5
1.4
Package quantity
2000 pcs/reel
Operating
temperature range *
Storage
temperature range **
Individual
weight
-40 to +125°C
-40 to +125°C
0.052g
1.0
ø180±2.0
2.0±0.5
ø13±0.2
ø21±0.8
14.4max.
Dimensions in mm
8.4
+2.0
–0.0
4.0±0.1
4.0±0.1
2.0±0.05
A
Dimensions in mm
Sprocket
hole
1.5
+0.1
–0
Cavity
K
160min.
Taping
200min.
300min.
Drawing direction



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com