Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS322512ALM-R68MTAA Datasheet(PDF) 1 Page - TDK Electronics

Part # TMS322512ALM-R68MTAA
Description  Inductors for power circuits Thin-film metal magnetic material TMS-ALM series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TMS322512ALM-R68MTAA Datasheet(HTML) 1 Page - TDK Electronics

  TMS322512ALM-R68MTAA Datasheet HTML 1Page - TDK Electronics TMS322512ALM-R68MTAA Datasheet HTML 2Page - TDK Electronics TMS322512ALM-R68MTAA Datasheet HTML 3Page - TDK Electronics TMS322512ALM-R68MTAA Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(1/4)
inductor_commercial_power_tms322512alm_en.xml
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20230410
INDUCTORS
Inductors for power circuits
Thin-film metal magnetic material
TMS-ALM series
TMS322512ALM type
■ FEATURES
◯ By using metal magnetic material with high Saturation magnetic flux density the excellent DC bias characteristics needed for
inductors for power circuits can be achieved.
◯ With the same product shape and terminal structure as general chip parts it has excellent mounting stability characteristics and can
also be mounted to general-purpose land patterns.
◯ By using a closed magnetic circuit structure leakage flux is minimized.
■ APPLICATION
◯ Industrial equipment, HDD, SSD, DVC, DSC, smart phones, mobile display panels, portable game devices, compact power supply
modules, other
■ PART NUMBER CONSTRUCTION
■ CHARACTERISTICS SPECIFICATION TABLE
* Rated current: smaller value of either Isat or Itemp.
Isat: When based on the inductance change rate (30% below the initial L value)
Itemp: When based on the temperature increase (temperature increase of 40°C by self heating)
Measurement equipment
* Equivalent measurement equipment may be used.
TMS
322512
ALM
-
1R0
M
T
AA
Series name
L×W×H dimensions
3.2×2.5×1.2 mm
Characteristic
type
Inductance
(µH)
Inductance
tolerance
Packaging
style
Internal
code
L
LMeasuring
frequency
DC resistance
Rated current*
Rated voltage
Part No.
Isat
Itemp
(μH) Tolerance
(MHz)
(mΩ)max.
(mΩ)typ. (A)max. (A)typ. (A)max. (A)typ. (V)max.
0.10 ±20%
1
8
3
14
16
8.0
13
20
TMS322512ALM-R10MTAA
0.15 ±20%
1
9
5
12
14
8.0
11
20
TMS322512ALM-R15MTAA
0.22 ±20%
1
11
6
10
12
7.0
9.5
20
TMS322512ALM-R22MTAA
0.33 ±20%
1
15
10
8.6
9.5
6.0
7.3
20
TMS322512ALM-R33MTAA
0.47 ±20%
1
21
16
6.9
7.6
5.3
6.1
20
TMS322512ALM-R47MTAA
0.68 ±20%
1
30
23
5.5
6.1
4.4
5.0
20
TMS322512ALM-R68MTAA
1.0
±20%
1
37
30
4.6
5.1
4.0
4.4
20
TMS322512ALM-1R0MTAA
1.5
±20%
1
57
46
4.0
4.5
3.2
3.5
20
TMS322512ALM-1R5MTAA
2.2
±20%
1
77
64
3.3
3.6
2.7
3.0
20
TMS322512ALM-2R2MTAA
3.3
±20%
1
113
97
2.5
2.8
2.3
2.5
20
TMS322512ALM-3R3MTAA
4.7
±20%
1
151
127
2.2
2.5
1.9
2.1
20
TMS322512ALM-4R7MTAA
6.8
±20%
1
260
220
1.8
2.1
1.4
1.6
20
TMS322512ALM-6R8MTAA
10
±20%
1
360
305
1.6
1.8
1.2
1.4
20
TMS322512ALM-100MTAA
Measurement item
Product No.
Manufacturer
L
4294A
Keysight Technologies
DC resistance
Digital Milliohm Meter
Rated current Isat
4285A+42841A+42842C
Keysight Technologies


Similar Part No. - TMS322512ALM-R68MTAA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320 TI-TMS320 Datasheet
603Kb / 69P
SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
TMS320 TI-TMS320 Datasheet
555Kb / 70P
TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
TMS32010 TI-TMS32010 Datasheet
2Mb / 23P
Precision Digital Sine- Wave Generation with the TMS32010
TMS32020 TI-TMS32020 Datasheet
297Kb / 57P
Wide-Band Analog Interface Circuit
TMS32020 TI-TMS32020 Datasheet
603Kb / 69P
SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS322512ALM-R68MTAA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM3012 TDK-SPM3012 Datasheet
3Mb / 25P
Inductors for Power Circuits Wound Metallic Magnetic Material SPM series
SPM6530T-1R0M120 TDK-SPM6530T-1R0M120 Datasheet
3Mb / 25P
Inductors for Power Circuits Wound Metallic Magnetic Material
TFM201610ALM-2R2MTAA TDK-TFM201610ALM-2R2MTAA Datasheet
119Kb / 9P
Thin-film Metal
TFM201610GHM-2R2MTAA TDK-TFM201610GHM-2R2MTAA Datasheet
119Kb / 9P
Thin-film Metal
SPM3012T-1R0M TDK-SPM3012T-1R0M_16 Datasheet
104Kb / 9P
Inductors for Power Circuits Wound Metallic Magnetic Material
logo
Samsung semiconductor
CIGT252010EH1R0MNE SAMSUNG-CIGT252010EH1R0MNE Datasheet
214Kb / 3P
Metal Composite Power Inductor (Thin Film)
logo
TDK Electronics
TFM160808ALC TDK-TFM160808ALC Datasheet
170Kb / 4P
Inductors for power circuits Thin-film metal magnetic material
20211102
TFM201610ALM TDK-TFM201610ALM Datasheet
173Kb / 4P
Inductors for power circuits Thin-film metal magnetic material
20211111
TFM201610GHM TDK-TFM201610GHM Datasheet
173Kb / 4P
Inductors for power circuits Thin-film metal magnetic material
20211111
TFM252012ALMA TDK-TFM252012ALMA Datasheet
183Kb / 4P
Inductors for power circuits Thin-film metal magnetic material
20200823
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com