Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIL8 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # DIL8
Description  Dual in-line, 8 pin package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

DIL8 Datasheet(HTML) 1 Page - Zetex Semiconductors

  DIL8 Datasheet HTML 1Page - Zetex Semiconductors DIL8 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Issue 1 - September 2005
1
www.zetex.com
© Zetex Semiconductors plc 2005
Package information - DIL8
Dual in-line, 8 pin package
Package outline
Note: Controlling dimensions are in inches. Approximate dimensions are provided in millimeters
Taping specification
Dual inline devices (DIL8, DIL14, DIL16 and DIL20) are provided in tubes.
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min
Max
Min
Max
Min
Max
Min
Max
A
-
0.210
-
5.33
D1
0.005
-
0.13
-
A1
0.015
-
0.38
-
E
0.300
0.325
7.62
8.26
A2
0.115
0.195
2.92
4.95
E1
0.240
0.280
6.10
7.11
b
0.014
0.022
0.36
0.56
e
0.100 BSC
2.54 BSC
b2
0.045
0.070
1.14
1.78
eA
0.300 BSC
7.62 BSC
b3
0.030
0.045
0.76
1.14
eB
-
0.430
-
10.92
c
0.008
0.014
0.20
0.36
eC
0.000
0.060
0.00
1.52
D
0.355
0.400
9.02
10.16
L
0.115
0.150
2.92
3.81
E1
D
A2
A
L
A1
e
b
b2
E
b3
D1
b2
eA
eB
c
eC


Similar Part No. - DIL8

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIL MEDER-DIL Datasheet
677Kb / 5P
Compatible with DIL socket
DIL-051A66-13DLELFHR MEDER-DIL-051A66-13DLELFHR Datasheet
677Kb / 5P
Compatible with DIL socket
DIL-051A66-13DLELFL MEDER-DIL-051A66-13DLELFL Datasheet
677Kb / 5P
Compatible with DIL socket
DIL-051A66-13LHR MEDER-DIL-051A66-13LHR Datasheet
677Kb / 5P
Compatible with DIL socket
DIL-051A66-13LL MEDER-DIL-051A66-13LL Datasheet
677Kb / 5P
Compatible with DIL socket
More results

Similar Description - DIL8

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GF8 EUROQUARTZ-GF8 Datasheet
203Kb / 1P
8 pin Dual-in-Line
GV8 EUROQUARTZ-GV8 Datasheet
203Kb / 1P
8 pin Dual-in-Line
HPA8 EUROQUARTZ-HPA8 Datasheet
215Kb / 1P
8 pin Dual-in-Line
HPF8 EUROQUARTZ-HPF8 Datasheet
215Kb / 1P
8 pin Dual-in-Line
G8 EUROQUARTZ-G8 Datasheet
113Kb / 2P
8 pin Dual-in-Line
GDA8 EUROQUARTZ-GDA8 Datasheet
114Kb / 1P
8 pin Dual-in-Line
HDW8 EUROQUARTZ-HDW8 Datasheet
101Kb / 1P
8 pin Dual-in-Line
logo
Micropac Industries
53115 MICROPAC-53115 Datasheet
93Kb / 8P
Hermetically Sealed 8-Pin Dual-In-Line package
53252 MICROPAC-53252 Datasheet
60Kb / 6P
8-Pin Dual-In-Line Hermetic Package
logo
IK Semicon Co., Ltd
KL3340 IKSEMICON-KL3340 Datasheet
198Kb / 5P
Economical 8-Pin Dual-In-Line Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com