Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P16-VMP6TP Datasheet(PDF) 54 Page - Numonyx B.V

Part # M25P16-VMP6TP
Description  16 Mbit, serial Flash memory, 75 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P16-VMP6TP Datasheet(HTML) 54 Page - Numonyx B.V

Back Button M25P16-VMP6TP Datasheet HTML 47Page - Numonyx B.V M25P16-VMP6TP Datasheet HTML 48Page - Numonyx B.V M25P16-VMP6TP Datasheet HTML 49Page - Numonyx B.V M25P16-VMP6TP Datasheet HTML 50Page - Numonyx B.V M25P16-VMP6TP Datasheet HTML 51Page - Numonyx B.V M25P16-VMP6TP Datasheet HTML 52Page - Numonyx B.V M25P16-VMP6TP Datasheet HTML 53Page - Numonyx B.V M25P16-VMP6TP Datasheet HTML 54Page - Numonyx B.V M25P16-VMP6TP Datasheet HTML 55Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
Revision history
M25P16
54/55
10-Oct-2006
9
Page Program, Sector Erase and Bulk Erase updated in Features.
VIO max modified in Table 9: Absolute maximum ratings.
Table 15: AC characteristics (grade 6, T9HX technology) added.
VFQFPN8 package specifications updated (see Table 17). Note 1 added
to Table 18. Note: on page 52 modified.
09-Jan-2007
10
Small text changes. Hardware Write protection added to Features.
VCC supply voltage and VSS ground signal descriptions added. Figure 4:
Bus master and memory devices on the SPI bus modified, note 2
removed and replaced by an explanatory paragraph. Write In Progress bit
behavior specified at Power-up (see Section 7: Power-up and power-
down). TLEAD added to Table 9: Absolute maximum ratings. Grade 3
temperature range added.
Table 11: Data retention and endurance and Table 16: AC characteristics
(25 MHz operation, grade 3) added.
SO8W and VFQFPN8 package specifications updated (see Section 11:
Package mechanical).
15-Jun-2007
11
Eliminated the reference to the Deep Power-down mode and updated the
Read Identification instruction in Section 6.3: Read Identification (RDID).
Inserted UID and CFI content columns in Table 5: Read Identification
(RDID) data-out sequence.
Modified Data bytes for RDID instruction in Table 4: Instruction set.
Modified Q signal in Figure 10: Read Identification (RDID) instruction
sequence and data-out sequence.
Modified Test condition and maximum values for ICC3 in Table 14: DC
characteristics.
Eliminated Table 15: AC characteristics (Grade 6).
Modified the maximum value for fC in Table 15: AC characteristics (grade
6, T9HX technology).
31-Oct-2007
12
Removed ‘low voltage’ from the title. Changed the typical time for Bulk
Erase on page 1.
Section 6.3: Read Identification (RDID) updated.
Added note 2 and 3 to Table 9: Absolute maximum ratings.
Modified maximum value for tCLQV in Table 15: AC characteristics (grade
6, T9HX technology).
10-Dec-2007
13
Applied Numonyx branding.
Table 23.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com