Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10-AVMP6P/X Datasheet(PDF) 15 Page - Numonyx B.V

Part # M25P10-AVMP6P/X
Description  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMP6P/X Datasheet(HTML) 15 Page - Numonyx B.V

Back Button M25P10-AVMP6P/X Datasheet HTML 11Page - Numonyx B.V M25P10-AVMP6P/X Datasheet HTML 12Page - Numonyx B.V M25P10-AVMP6P/X Datasheet HTML 13Page - Numonyx B.V M25P10-AVMP6P/X Datasheet HTML 14Page - Numonyx B.V M25P10-AVMP6P/X Datasheet HTML 15Page - Numonyx B.V M25P10-AVMP6P/X Datasheet HTML 16Page - Numonyx B.V M25P10-AVMP6P/X Datasheet HTML 17Page - Numonyx B.V M25P10-AVMP6P/X Datasheet HTML 18Page - Numonyx B.V M25P10-AVMP6P/X Datasheet HTML 19Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
M25P10-A
Memory organization
15/51
5
Memory organization
The memory is organized as:
●
131,072 bytes (8 bits each)
●
4 sectors (256 Kbits, 32768 bytes each)
●
512 pages (256 bytes each).
Each page can be individually programmed (bits are programmed from 1 to 0). The device is
sector or bulk erasable (bits are erased from 0 to 1) but not page erasable.
Figure 6.
Block diagram
Table 3.
Memory organization
Sector
Address range
3
18000h
1FFFFh
2
10000h
17FFFh
1
08000h
0FFFFh
0
00000h
07FFFh
HOLD
S
W
Control Logic
High Voltage
Generator
I/O Shift Register
Address Register
and Counter
256 byte
Data Buffer
256 bytes (page size)
X Decoder
C
D
Q
Status
Register
00000h
08000h
10000h
18000h
1FFFFh
000FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com