Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE10-VMP6TP Datasheet(PDF) 16 Page - Numonyx B.V

Part # M25PE10-VMP6TP
Description  1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE10-VMP6TP Datasheet(HTML) 16 Page - Numonyx B.V

Back Button M25PE10-VMP6TP Datasheet HTML 12Page - Numonyx B.V M25PE10-VMP6TP Datasheet HTML 13Page - Numonyx B.V M25PE10-VMP6TP Datasheet HTML 14Page - Numonyx B.V M25PE10-VMP6TP Datasheet HTML 15Page - Numonyx B.V M25PE10-VMP6TP Datasheet HTML 16Page - Numonyx B.V M25PE10-VMP6TP Datasheet HTML 17Page - Numonyx B.V M25PE10-VMP6TP Datasheet HTML 18Page - Numonyx B.V M25PE10-VMP6TP Datasheet HTML 19Page - Numonyx B.V M25PE10-VMP6TP Datasheet HTML 20Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
Operating features
M25PE20, M25PE10
16/64
●
The second Software Protected mode (SPM2) uses the block protect (BP1, BP0, see
Section 6.4.3)) bits to allow part of the memory to be configured as read-only.
Table 2.
Software protection truth table (sectors 0 to 3 for M25PE20 or sectors 0
to 1 for M25PE10, 64-Kbyte granularity)
Sector Lock Register
Protection status
Lock
Down bit
Write
Lock bit
00
Sector unprotected from program/erase/write operations, protection status
reversible
01
Sector protected from program/erase/write operations, protection status
reversible
10
Sector unprotected from program/erase/write operations,
sector protection status cannot be changed except by a reset or power-up.
11
Sector protected from program/erase/write operations,
Sector protection status cannot be changed except by a reset or power-up.
Table 3.
Protected area sizes for M25PE20
Status Register
content
Memory content
BP1 bit BP0 bit
Protected area
Unprotected area
0
0
none
All sectors(1) (four sectors: 0 to 3)
1.
The device is ready to accept a Bulk Erase instruction if, and only if, all block protect bits (BP1, BP0) are 0.
0
1
Upper quarter (sector 3)
Lower three quarters (three sectors: 0 to 2)
1
0
Upper half (two sectors: 2 and 3)
Lower half (two sectors: 0 to 1)
1
1
All sectors (four sectors: 0 to 3)
none
Table 4.
Protected area sizes for M25PE10
Status Register
content
Memory content
BP1 bit BP0 bit
Protected area
Unprotected area
0
0
none
All sectors(1) (two sectors: 0 and 1)
1.
The device is ready to accept a Bulk Erase instruction if, and only if, all block protect bits (BP1, BP0) are 0.
0
1
Upper half (1 sector: sector 1)
Lower half (one sector: sector 0)
1
0
Upper half (1 sector: sector 1)
Lower half (one sector: sector 0)
1
1
All sectors (two sectors: 0 and 1)
none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com