Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM11A Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LM11A
Description  LINEARlight Flex
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LM11A Datasheet(HTML) 4 Page - OSRAM GmbH

  LM11A Datasheet HTML 1Page - OSRAM GmbH LM11A Datasheet HTML 2Page - OSRAM GmbH LM11A Datasheet HTML 3Page - OSRAM GmbH LM11A Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Assembly Information
Connection with soldering wires on unmounted module: Do not pretin the solderpads but pretin the wires and solder for max. 4 s at
300 °C. Allow solderpoints to completely cool down before the next soldering. Prevent shear- or peel forces.
Soldering of wires with the module mounted on a heatsink: Pretin solderpads and wires and solder for max 3 s at 350 °C. Allow
solderpoints to completely cool down before the next soldering. Prevent shear- or peel forces.
The smallest unit (56 mm- 4 LEDs) can be removed by cutting with scissors between the designated solder pads.
The mounting of the module is facilitated by means of the double-sided adhesive on the back-surface of the module. Care must be
taken to provide a clean and dry mounting surface, free of oils or silicone coatings as well as dirt particle. The mounting substrate
must have sufficient structural integrity. Take care to completely remove the adhesive backing. Once the module is appropriately
positioned, press on the module with about 20N/cm² (refer to application techniques of 3M adhesive transfer tapes). Make sure the
module has got a holohedral contact to the mounting surface.
The minimum bending radius is 2 cm. The module may be bent over a smaller radius but only in regions of the circuit board
containing no electronic components and such bends should be made once and fixed in position to avoid cyclic fatigue.
The thermal length expansion coefficient of the modul is 17*10^-6cm/cm/K. When installing in environments with large variations in
temperature (e.g. outdoor applications) and operating length of more than 2 m, the use of metallic mounting surfaces is necessary.
Otherwise it is advisable to use an additional thicker adhesive tape to absorb the stress of any mismatch in expansion coefficients.
Productgroup
Productname
EAN *
S-Unit *
Ordering Guide
LINEARlight Flex
LM11A-W3-865
4008321187208
8
LINEARlight Flex
LM11A-W1-865**
4050300873879
8
LINEARlight Flex
LM11A-W3-854
4008321187185
8
LINEARlight Flex
LM11A-W1-854**
4050300817217
8
LINEARlight Flex
LM11A-W3-847
4008321187161
8
LINEARlight Flex
LM11A-W1-847**
4050300817194
8
LINEARlight Flex
LM11A-A
4008321086952
8
LINEARlight Flex
LM11A-Y1
4050300946016
8
LINEARlight Flex
LM11A-T
4008321086990
8
LINEARlight Flex
LM11A-B
4008321086976
8
EAN: Ordering number per single module
S-Unit: Modules per shipping unit
*)
Note: Typical performance data are subject to change without any further notice, particularly as LED technology evolves.
Related and Further Information
New creativity in lighting design
LED Modules for illuminated signs
138 W002 GB
The new dimension of light
153 S006 GB
OPTOTRONIC® Technical Guide
130 T008 GB
OPTOTRONIC® Data Sheets
http://catalog.myosram.com
OSRAM LED systems
www.osram.com/led-systems
Datasheet CONNECTsystem LM-xx Flex
www.osram.com/led-systems-downloads
Sales and Technical Support
Sales and technical support is given by the
local OSRAM subsidiaries.
On our world wide homepage all OSRAM
subsidiaries are listed with complete
address and phone numbers.
OSRAM GmbH
Hellabrunner Strasse 1
D - 81536 München
Germany
www.osram.com
+49 (0)89 6213-0
Page 4 of 4
LM11A - 25.03.2008



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com