Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM193 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM193
Description  Low power dual voltage comparators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM193 Datasheet(HTML) 5 Page - STMicroelectronics

  LM193_08 Datasheet HTML 1Page - STMicroelectronics LM193_08 Datasheet HTML 2Page - STMicroelectronics LM193_08 Datasheet HTML 3Page - STMicroelectronics LM193_08 Datasheet HTML 4Page - STMicroelectronics LM193_08 Datasheet HTML 5Page - STMicroelectronics LM193_08 Datasheet HTML 6Page - STMicroelectronics LM193_08 Datasheet HTML 7Page - STMicroelectronics LM193_08 Datasheet HTML 8Page - STMicroelectronics LM193_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LM193, LM293, LM393
Electrical characteristics
5/15
Figure 2.
Supply current vs. supply voltage
Figure 3.
Input current vs. supply voltage
1
0.8
0.6
0.4
0.2
0
10
20
30
40
SUPPLY VOLTAGE (V)
Tamb =+70°C
Tamb = +125°C
Tamb =0°C
R =
Tamb= +25°C
Tamb =-55°C
20
10
20
30
40
SUPPLY VOLTAGE (V)
Tamb =+70°C
Tamb = +125°C
Tamb = -55°C
40
60
80
0
Tamb =0°C
Tamb=+25°C
V= 0V
i
R= 10
Ω
i
9
Figure 4.
Output saturation voltage vs.
frequency
Figure 5.
Response time for various input
overdrives - negative transition
Figure 6.
Response time for various input
overdrives - positive transition
Tamb = +125°C
Out of saturation
10
1
10
-3
10
-2
10
-1
10
0
10
-2
10
-1
10
0
10
1
10
2
OUTPUT SINK CURRENT (mA)
Out of saturation
Tamb =-55°C
Tamb=+25°C
5V
5.1k
Ω
eo
e I
6
5
4
3
2
0
0
-50
-100
0
0.5
1
1.5
2
TIME (
μs)
Input overdrive : 5mV
20mV
1
100mV
Tamb=+25°C
5V
5.1kΩ
eo
e I
6
5
4
3
2
1
0
1
00
50
0
0.5
1
1.5
2
TIME (
μs)
0
p
In ut overdrive : 100mV
Tamb=+25°C
5mV
20mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com